Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8553VB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # H8553VB
Description  8500 Rocker Switches - Miniature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H8553VB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  H8553VB Datasheet HTML 1Page - List of Unclassifed Manufacturers H8553VB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
tel: +44 (0)20 8979 3232 • Arcolectric • email: info@arcoswitch.co.uk
TERMINAL FUNCTION ROCKER BODY
PRINT, COLOUR, VOLTAGE ETC
H 8550 V B ---
12
H Slotted for custom caps
R Semi-rotary (not lit)
D Paddle lever (not lit)
V Curved (not lit)
V Curved (lit)
X Two colour (not lit)
A Softline lens
P Push button operation
(8500 only)
See drawing opposite
ON OFF Switches are ON when pressed over terminal 1
8550
8503
8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
ROCKER
FUNCTION
Approvals &
ratings vary
with function
ON - OFF
Single pole
(Uses terminals 1a & 2a)
ON (lit) - OFF
Double pole
Indicator
ON (lit) - OFF
Single pole
ON - OFF
Double pole
TERMINAL
8553
8500
8580
Available with
H terminals only
H
4.8 x 0.8
K
2.8 x 0.8
L
2.8 x 0.8
Right angle version of K terminal
available on 8500 only
R
4.8 x 0.8
T
Solder
8.5
4.5
1.5
3.1
Slots for
snap-in buttons
10(6)A 250Vac T125 (non lit types)
6(4)A 250Vac T125 5E4 (50,000 Operations) (non lit types)
10(6)A 250Vac T100 (lit types)
UL CSA 15A Non Ind 250Vac, 14A Ind 250Vac, 10A 277Vac
UL CSA 250Vac 1/2hp, 125Vac 1/4hp
UL 105˚C, file E45221, CSA file LR10990
Inrush 85A to EN61058-1 & 10A 24Vdc
RoHS compliant
3mm contact gap.
Technical data on pages 4 & 5 (switches), 6 (indicators).
1a
3b
2a
4b
8.5
2.6
1.5
3.2
2.6
8.5
3.5
R1.0
R0.8
In house test
Miniature rocker switch
Ratings up to 15A,
250Vac
High inrush tolerance
Single & double pole in
same body size
Illuminated & non-
illuminated
Matching indicators
Industry standard panel
cut-out
Rotary and push button
actuator options
Panel cut out: 19.3 x 12.9
RoHS
CAT 170 P10-17 88-85-12-86_2:CAT 170 P10-17 88/85/12/86
5/11/09
15:57
Page 12


Similar Part No. - H8553VB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H8553VBNAE ETC2-H8553VBNAE Datasheet
319Kb / 7P
GENERAL SUMMARY SWITCH SERIES 8500
More results

Similar Description - H8553VB

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
Miniature Rocker & Paddle Switches
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
H8550VBXXXB ETC2-H8550VBXXXB Datasheet
190Kb / 2P
8500 Rocker Switches - Miniature
logo
Grayhill, Inc
47CMSP1R2M6RT GRAYHILL-47CMSP1R2M6RT Datasheet
142Kb / 3P
Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
H8500VBBB-551W-B ETC2-H8500VBBB-551W-B Datasheet
190Kb / 2P
8500 Rocker Switches - Miniature 10A 250Vac Single & Double Pole
SLE210K-5 ETC2-SLE210K-5 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
Miniature Power Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
Miniature Rocker Switches
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
Miniature Power Rocker Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com