Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9150F-01 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9150F-01
Description  Pentium Pro??and SDRAM Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150F-01 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9150F-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS9150-01
Power-On Conditions
Example:
a) if MODE = 1, pins 33 and 32 are configured as SDRAM12, and SDRAM13 respectively.
b) if MODE = 0, pins 33 and 32 are configured as PCI_STOP#, and CPU_STOP# respectively.
Power-On Default Conditions
At power-up and before device programming, all clocks will default to an enabled and “on” condition. The frequencies that are then
produced are on the FS and MODE pin as shown in the table below.
K
C
O
L
C
P
U
-
R
E
W
O
P
T
A
N
O
I
T
I
D
N
O
C
T
L
U
A
F
E
D
0
F
E
Rz
H
M
8
1
8
1
3
.
4
1
)
2
:
0
(
C
I
P
A
O
Iz
H
M
8
1
8
1
3
.
4
1
#
0
6
/
6
6
L
E
SE
D
O
M#
N
I
PN
O
I
T
P
I
R
C
S
E
DN
O
I
T
C
N
U
F
11
6
4
,
8
4
,
9
4
,
1
5
,
2
5s
K
L
C
U
P
Ce
l
b
a
s
i
d
/
e
l
b
a
n
e
g
i
f
n
o
c
l
a
i
r
e
s
/
w
-
z
H
M
6
.
6
6
,
9
3
,
1
4
,
2
4
,
4
4
,
5
4
,
1
2
,
2
2
,
5
3
,
6
3
,
8
3
,
5
2
,
2
3
,
3
3
,
8
1
,
9
1
4
2
M
A
R
D
Ss
t
u
p
t
u
o
M
A
R
D
S
ll
A
-
z
H
M
6
.
6
6
,
4
1
,
3
1
,
2
1
,
1
1
,
9
8
,
6
1
s
K
L
C
I
C
Pe
l
b
a
s
i
d
/
e
l
b
a
n
e
g
i
f
n
o
c
l
a
i
r
e
s
/
w
-
z
H
M
3
.
3
3
01
6
4
,
8
4
,
9
4
,
1
5
,
2
5s
K
L
C
U
P
Ce
l
b
a
s
i
d
/
e
l
b
a
n
e
g
i
f
n
o
c
l
a
i
r
e
s
/
w
-
z
H
M
0
6
,
9
3
,
1
4
,
2
4
,
4
4
,
5
4
,
1
2
,
2
2
,
5
3
,
6
3
,
8
3
,
5
2
,
2
3
,
3
3
,
8
1
,
9
1
4
2
M
A
R
D
Se
l
b
a
s
i
d
/
e
l
b
a
n
e
g
i
f
n
o
c
l
a
i
r
e
s
/
w
-
z
H
M
0
6
,
4
1
,
3
1
,
2
1
,
1
1
,
9
8
,
6
1
s
K
L
C
I
C
Pe
l
b
a
s
i
d
/
e
l
b
a
n
e
g
i
f
n
o
c
l
a
i
r
e
s
/
w
-
z
H
M
0
3
1
0
6
4
,
8
4
,
9
4
,
1
5
,
2
5s
K
L
C
U
P
Ce
l
b
a
s
i
d
/
e
l
b
a
n
e
g
i
f
n
o
c
l
a
i
r
e
s
/
w
-
z
H
M
6
.
6
6
,
9
3
,
1
4
,
2
4
,
4
4
,
5
4
,
1
2
,
2
2
,
5
3
,
6
3
,
8
3
4
2
,
5
2
,
8
1
,
9
1
M
A
R
D
Ss
t
u
p
t
u
o
M
A
R
D
S
ll
A
-
z
H
M
6
.
6
6
3
3#
P
O
T
S
_
I
C
Pw
o
l
n
e
h
w
d
e
p
p
o
t
s
s
k
c
o
l
c
)
5
:
0
(
I
C
P
,t
n
e
m
e
g
a
n
a
M
r
e
w
o
P
2
3#
P
O
T
S
_
U
P
Cw
o
l
n
e
h
w
d
e
p
p
o
t
s
s
k
c
o
l
c
U
P
C
,
n
e
m
e
g
a
n
a
M
r
e
w
o
P
00
6
4
,
8
4
,
9
4
,
1
5
,
2
5s
K
L
C
U
P
Ce
l
b
a
s
i
d
/
e
l
b
a
n
e
g
i
f
n
o
c
l
a
i
r
e
s
/
w
-
z
H
M
0
6
,
9
3
,
1
4
,
2
4
,
4
4
,
5
4
,
1
2
,
2
2
,
5
3
,
6
3
,
8
3
4
2
,
5
2
,
8
1
,
9
1
M
A
R
D
Se
l
b
a
s
i
d
/
e
l
b
a
n
e
g
i
f
n
o
c
l
a
i
r
e
s
/
w
-
z
H
M
0
6
3
3#
P
O
T
S
_
I
C
Pw
o
l
n
e
h
w
d
e
p
p
o
t
s
s
k
c
o
l
c
)
5
:
0
(
I
C
P
,t
n
e
m
e
g
a
n
a
M
r
e
w
o
P
2
3#
P
O
T
S
_
U
P
Cw
o
l
n
e
h
w
d
e
p
p
o
t
s
s
k
c
o
l
c
U
P
C
,
n
e
m
e
g
a
n
a
M
r
e
w
o
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com