Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9150F-01 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9150F-01
Description  Pentium Pro??and SDRAM Frequency Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9150F-01 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9150F-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 9Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 10Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 11Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 12Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 13Page - Integrated Circuit Systems ICS9150F-01 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
ICS9150-01
Electrical Characteristics - Input/Supply/Common Output Parameters
T
A = 0 - 70C; Supply Voltage VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating
I
DD2.5OP
C
L = 0 pF; Select @ 66M
6
8
9.5
mA
Supply Current
TCPU-SDRAM2 VT = 1.5 V; VTL = 1.25 V; SDRAM Leads
250
500
ps
Skew1
TCPU-PCI2
VT = 1.5 V; VTL = 1.25 V; CPU Leads
1
2
4
ns
TREF-IOAPIC VT = 1.5 V; VTL = 1.25 V; CPU Leads
860
ps
1Guarenteed by design, not 100% tested in production.
Electrical Characteristics - CPU
TA = 0 - 70C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
RDSP2B
1
VO = VDD*(0.5)
15
45
Ω
Output Impedance
RDSN2B
1
VO = VDD*(0.5)
15
45
Ω
Output High Voltage
VOH2B
IOH = -12.0 mA
2
2.6
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.3
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-25
-16
mA
Output Low Current
IOL2B
VOL = 0.7 V
19
26
mA
Rise Time
tr2B
1
VOL = 0.4 V, VOH = 2.0 V
1.7
2
ns
Fall Time
tf2B
1
VOH = 2.0 V, VOL = 0.4 V
1.5
2
ns
Duty Cycle
dt2B
1
VT = 1.25 V
45
50
55
%
Skew
tsk2B
1
VT = 1.25 V
60
250
ps
tjcyc-cyc2B
1
VT = 1.25 V
150
250
ps
Jitter
tj1s2B
1
VT = 1.25 V
30
150
ps
tjabs2B
1
VT = 1.25 V
-250
80
+250
ps
1Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com