Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-13 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9159-13
Description  Frequency Generator and Integrated Buffer for PENTIUM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-13 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9159-13 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-13 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-13 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-13 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-13 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-13 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-13 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ICS9159-13
Pin Descriptions
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1, 8, 14, 20, 26
VDD
PWR
Power for logic, CPU and fixed frequency output buffers.
2X1
IN
XTAL or external reference frequency input. This input includes XTAL load
capacitance and feedback bias for a 12 - 16 MHz crystal, nominally 14.31818 MHz.
3
X2
OUT
XTAL output which includes XTAL load capacitance.
4, 11, 17, 23
GND
PWR
Ground for logic, CPU and fixed frequency output buffers.
6, 7, 9, 10,
24, 25
PCLK(0:3)
OUT
Processor clock outputs which are a multiple of the input reference frequency as
shown in the table above.
13, 12
FS(0:1)
IN
Frequency multiplier select pins. See table above. These inputs have internal pull-up
devices.
15, 16, 18, 19,
21, 22
BCLK(0:5)
OUT
Bus clock outputs are fixed at one half the PCLK frequency.
5
OEN
IN
OEN tristates all outputs when low. This input has an internal pull-up device.
28, 27
REF(0:1)
OUT
REF is a buffered copy of the crystal oscillator or reference input clock,
nominally 14.31818 MHz.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com