Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-13 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9159-13
Description  Frequency Generator and Integrated Buffer for PENTIUM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-13 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9159-13 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-13 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-13 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-13 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-13 Datasheet HTML 5Page - Integrated Circuit Systems ICS9159-13 Datasheet HTML 6Page - Integrated Circuit Systems ICS9159-13 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9159-13
Frequency Generator and Integrated Buffer for PENTIUM™
9159-13 Rev B 060497
Block Diagram
The ICS9159-13 generates all clocks required for high
speed RISC or CISC microprocessor systems such as 486,
Pentium, PowerPC,™ etc. Four different reference frequency
multiplying factors are externally selectable with smooth
frequency transitions. A test mode is provided to drive all
clocks directly.
High drive BCLK outputs provide typically greater than
1V/ns slew rate into 30pF loads. PCLK outputs provide
typically better than 1V/ns slew rate into 20pF loads while
maintaining 50±5% duty cycle.
•
Generates up to six processor and six bus clocks, plus
two reference clocks
•
Synchronous clocks skew matched to 250ps window
on PCLKs and 500ps window on BCLKs
•
Processor and bus clocks synchronized to each other,
PCLK to BCLK skew window 600ps max
•
Test clock mode eases system design
3.0V - 5.5V supply range
•
28-pin SOIC package
•
Pentium is a trademark of Intel Corporation.
PowerPC is a trademark of Motorola Corporation.
Pin Cnfiguration
28-Pin SOIC
OEN
FS1
FS0
PCLK
BCLK
REF
1
0
0
50MHz
25 MHz
14.318 MHz
1
0
1
66.6 MHz
33.3 MHz
14.318 MHz
1
1
0
60 MHz
30 MHz
14.318 MHz
1
1
1
TCLK/2
TCLK/4
TCLK
0
X
X
Tristate
Tristate
Tristate
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.
Functionality


Similar Part No. - ICS9159-13

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-12 ICST-ICS9159-12 Datasheet
277Kb / 5P
Frequency Generator and Buffers for Mobile Pentium Systems
Rev B 071797
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
Rev B 3/16/00
More results

Similar Description - ICS9159-13

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9158-03 ICST-ICS9158-03 Datasheet
167Kb / 7P
Frequency Generator and Integrated Buffer
Rev D 7/28/98
ICS9158-04 ICST-ICS9158-04 Datasheet
133Kb / 4P
Frequency Generator and Integrated Buffer
RevC 8/10/98
ICS9158-07 ICST-ICS9158-07 Datasheet
214Kb / 6P
Frequency Generator and Integrated Buffer
Rev B 053197
ICS9159-06 ICST-ICS9159-06 Datasheet
361Kb / 7P
Frequency Generator and Buffer for Pentium Systems
Rev C 091897
ICS9159-14 ICST-ICS9159-14 Datasheet
423Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
Rev B 3/16/00
ICS9159C-02 ICST-ICS9159C-02 Datasheet
306Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUMTM
Rev D 062397
ICS9159C-14 ICST-ICS9159C-14 Datasheet
210Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM?
RevC062397
ICS9160-03 ICST-ICS9160-03 Datasheet
240Kb / 7P
Frequency Generator and Integrated Buffer for PowerPC
RevC 06/19/97
PSICS9169-01 ICST-PSICS9169-01 Datasheet
177Kb / 10P
Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM mPs
RevE 08/28/98
logo
Renesas Technology Corp
ICS9169-01 RENESAS-ICS9169-01 Datasheet
322Kb / 11P
Frequency Generator and Integrated Buffers for Intel Pentium and Pentium ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com