Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-20 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9159-20
Description  Frequency Generator for SIS551X and SIS6205 Chip Set Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-20 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9159-20 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-20 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-20 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-20 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-20 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
ICS9159-20
Absolute Maximum Ratings
Electrical Characteristics at 3.3V
Supply Voltage .......................................................................................................... 7.0 V
Logic Inputs ....................................................................... GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature ............................................................. 0°C to +70°C
Storage Temperature ........................................................................... –65°C to +150°C
VDD = 3.0 – 3.7 V, TA = 0 – 70° C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings
are stress specifications only and functional operation of the device at these or any other conditions above those listed
in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
-
-
0.2VDD
V
Input High Voltage
VIH
0.7VDD
--
V
Input Low Current
IIL
VIN=0V
-28.0
-10.5
-
µA
Input High Current
IIH
VIN=VDD
-5.0
-
5.0
µA
Output Low Current
1
IOL
VOLT=0.8V;
for CPU, BOUT & BUS
30.0
47.0
-
mA
Output High Current
1
IOH
VOH=2.0V;
for CPU, BOUT & BUSes
-
-66.0
-42.0
mA
Output Low Current
1
IOL
VOL=0.8V; for REF CLKs
25.0
38.0
-
mA
Output High Current
1
IOH
VOH=2.0V; for REF CLKs
-
-47.0
-30.0
mA
Output Low Voltage1
VOL
IOL=15mA; for CPUs & BUSes
-
0.3
0.4
V
Output High Voltage
1
VOH
IOH=-30mA; for CPUs & BUSes
2.4
2.8
-
V
Output Low Voltage
1
VOL
IOL=12.5mA; for REF CLKS
-
0.3
0.4
V
Output High Voltage
1
VOH
IOH=-20mA; for REF CLKs
2.4
2.8
-
V
Supply Current
IDD
@66.5 MHz; all outputs unloaded
-
90
150
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com