Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9159-20 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9159-20
Description  Frequency Generator for SIS551X and SIS6205 Chip Set Systems
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9159-20 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9159-20 Datasheet HTML 1Page - Integrated Circuit Systems ICS9159-20 Datasheet HTML 2Page - Integrated Circuit Systems ICS9159-20 Datasheet HTML 3Page - Integrated Circuit Systems ICS9159-20 Datasheet HTML 4Page - Integrated Circuit Systems ICS9159-20 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9159-20
Frequency Generator for SIS551X and SIS6205 Chip Set Systems
9159-20 Rev B 040597
Block Diagram
The ICS9159-20 is a low-cost frequency generator designed
specifically for SIS551X chip set and SIS6205 VGA control-
ler. The integrated buffer minimizes skew. A 14.31818 MHz
XTAL oscillator provides the reference clock to generate
standard Pentium™ frequencies. The CPU clock makes grad-
ual frequency transitions without violating the PLL timing
of internal microprocessor clock multipliers.
Both synchronous and asynchronous bus designs are sup-
ported. For chip sets that require an early CPU clock, the
buffers are driven by the CPU clock. In this configuration, the
CPU clock becomes the early clock and the output of the
uncommitted buffers become the bus synchronized bus clocks.
•
One selectable CPU clocks operate up to 66.66 MHz
•
5 uncommitted buffers
•
Maximum CPU jitter of ±200ps
•
7 BUS clocks support sync or async bus operation
•
500ps skew window for all synchronous clock edges
•
Integrated buffer outputs drive up to 30pF loads
•
3.1V - 3.5V supply range
•
28-pin 300-mil SOIC package
•
Supports chip sets requiring early CPU clocking
Pentium is a trademark of Intel Corporation.
Functionality
All frequencies in MHz, assuming 14.318 MHz input.
Applications
•
Ideal for green Pentium and P6 PCI systems based on the
SIS5596 chip set
Pin Configuration
28-Pin SOIC
3.3V±10%, 0-70°C
Crystal (X1, X2) = 14.318181 MHz
FS1
FS0
REF
(MHz)
CPU
(MHz)
BCLK (MHz)
BSEL=1 BSEL=0
0
0
Tistate
Tristate
Tristate
Tristate
0
1
14.318
50
25
33.33
1
0
14.318
60
30
33.33
1
1
14.318
66.66
33.33
33.33
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.


Similar Part No. - ICS9159-20

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9159-05 ICST-ICS9159-05 Datasheet
228Kb / 7P
Frequency Generator for Pentium??OPTi VIPER Systems
Rev F 9/29/98
ICS9159-06 ICST-ICS9159-06 Datasheet
361Kb / 7P
Frequency Generator and Buffer for Pentium Systems
Rev C 091897
ICS9159-07 ICST-ICS9159-07 Datasheet
422Kb / 9P
Frequency Generator for NexGen??Nx586 Systems
Rev C 060697
ICS9159-12 ICST-ICS9159-12 Datasheet
277Kb / 5P
Frequency Generator and Buffers for Mobile Pentium Systems
Rev B 071797
ICS9159-13 ICST-ICS9159-13 Datasheet
340Kb / 7P
Frequency Generator and Integrated Buffer for PENTIUM
Rev B 060497
More results

Similar Description - ICS9159-20

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9107C-19 ICST-AV9107C-19 Datasheet
275Kb / 5P
Frequency Generator for Fibre Channel Systems
RevC091897
ICS9107C-21 ICST-ICS9107C-21 Datasheet
151Kb / 4P
Frequency Generator for Fibre Channel Systems
Rev C 9/14/99
ICS9112-43 ICST-ICS9112-43 Datasheet
223Kb / 5P
Frequency Generator for Gigabit Ethernet Systems
Rev D 3/3/99
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
Frequency Generator for Modem Systems
RevA 052297
ICS9120-52 ICST-ICS9120-52 Datasheet
84Kb / 5P
Frequency Generator for CD-ROM Systems
Rev B 052497
ICS9159-06 ICST-ICS9159-06 Datasheet
361Kb / 7P
Frequency Generator and Buffer for Pentium Systems
Rev C 091897
ICS9159-12 ICST-ICS9159-12 Datasheet
277Kb / 5P
Frequency Generator and Buffers for Mobile Pentium Systems
Rev B 071797
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com