Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMRWH Datasheet(PDF) 5 Page - ITT Industries

Part # FMRWH
Description  Chassis or panel mount
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

FMRWH Datasheet(HTML) 5 Page - ITT Industries

  FMRWH Datasheet HTML 1Page - ITT Industries FMRWH Datasheet HTML 2Page - ITT Industries FMRWH Datasheet HTML 3Page - ITT Industries FMRWH Datasheet HTML 4Page - ITT Industries FMRWH Datasheet HTML 5Page - ITT Industries FMRWH Datasheet HTML 6Page - ITT Industries FMRWH Datasheet HTML 7Page - ITT Industries FMRWH Datasheet HTML 8Page - ITT Industries FMRWH Datasheet HTML 9Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
A–102
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K NE-18 Series
Mains / Power Switches
CONTACT ARRANGEMENT
MECHANICAL FUNCTION
Momentary
Alternate (push-push)
OA
EE
FUNCTION
OPTION CODE
37
NE18 — 2AX
DPST
38
NE18 — 2UX
DPDT
51
2U + NE18 — 2AX
DPST*
52 (4A/64)
NE18CTII — 2AX
DPST
39
2U + NE18 — 2UX
DPDT*
41
NE18 — 2AP
DPST
42
NE18 — 2UP
DPDT
43
NE18 — 2AW
DPST
44
NE18 — 2UW
DPDT
45
NE18 — 2ASX
DPST
ELECTRICAL
CIRCUIT
STYLE
OPTION CODE
Contact capacity
and availability
46
NE18 — 2USX
DPDT
47
NE18 — 2ASP
DPST
48
NE18 — 2USP
DPDT
49
NE18 — 2ASW
DPST
50
NE18 — 2USW
DPDT
53 (4A/64)
2U + NE18CTII — 2AX
DPST
54
2U + NE18 — 2AW
DPST
55
2U + NE18 — 2AP
DPST
56
2U + NE18 — 2UW
DPDT
57
2U + NE18 — 2UP
DPDT
ELECTRICAL
CIRCUIT
STYLE
OPTION CODE
Contact capacity
and availability
*
2U + Denotes auxiliary set of low current contacts DPDT
2A = DPST
2U = DPDT
S = Snap-in mounting
X = Solder lug/PC pins
W = Solder lugs only
P = PC pins only
NOTES
1. Contact plating is silver on all Power Switches.
2. The electrical function is Break Before Make (BBM) on all Power Switches.
3. The terminals will be epoxy sealed.
1) A = make contact, R = break contact, U = changeover contact, m = VDE sign for switches with a contact spacing (air gap) < 3mm (.118 inch) according to
VDE 0630/CEE 24.
2) With 2A mains contacts: Mounting only by PC pins is not sufficient.
3) BSI only for 2U mains contacts.
VDE, BSI, DEMKO, CSA,
SEMKO, SEV, UL, NEMKO
II
> 3mm
(.118 inch)
2U
2A2
NE18CTII
VDE, MEEI, BSI3,
DEMKO, NEMKO,
SEMKO, SEV, CSA, UL
I
> 3mm (m)
(.118 inch)
2U
2A2
2U
NE18
VDE, BSI, DEMKO,
NEMKO, SEMKO, SEV,
CSA, UL
II
> 3mm
(.118 inch)
2U
2A2
NE18
APPROVALS
PROTECTION CLASS
(CEE 24)
CONTACT SPACING
POSSIBLE CONTACT ARRANGEMENT
POWER CONTACTS1
AUXILIARY CONTACTS
TYPE
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com