Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMRWH Datasheet(PDF) 1 Page - ITT Industries

Part # FMRWH
Description  Chassis or panel mount
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

FMRWH Datasheet(HTML) 1 Page - ITT Industries

  FMRWH Datasheet HTML 1Page - ITT Industries FMRWH Datasheet HTML 2Page - ITT Industries FMRWH Datasheet HTML 3Page - ITT Industries FMRWH Datasheet HTML 4Page - ITT Industries FMRWH Datasheet HTML 5Page - ITT Industries FMRWH Datasheet HTML 6Page - ITT Industries FMRWH Datasheet HTML 7Page - ITT Industries FMRWH Datasheet HTML 8Page - ITT Industries FMRWH Datasheet HTML 9Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
A–99
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
A
C&K NE-18 Series
Mains / Power Switches
Features/Benefits
• Chassis or panel mount
• Various buttons
• Various contact configurations
• RoHS compliant
Typical Applications
• Mains/power switching
• Consumer electronics
• Audio equipment
• Digital products
Specifications
POWER CONTACT:
SWITCHING POWER MAX. AC/DC: NE18: 1500/100 W,
NE18CTII: 1000/100 W; AC (Inductive cos
w =0.6): NE18: 900W,
NE18CTII: 600W.
SWITCHING VOLTAGE MAX. AC/DC: 250/100V
SWITCHING CURRENT MAX. AC/DC
AC (Inductive cos
w =0.6): NE18: 6 A2)4)/1 A, NE18CTII: 4 A2)/1 A
INRUSH CURRENT MAX. AC1): NE18: 36 A, NE18CTII: 64 A
DIELECTRIC STRENGTH (50 Hz, 1 min.): 2000 V
OPERATING LIFE AT MAX. LOAD AND AT MAX. INRUSH
CURRENT:
^104 operations5)
CONTACT RESISTANCE: Initial: 50m
Ω; After 104 operations: 70mΩ.
INSULATION RESISTANCE:
^1012 Ωchassis – nearest contact;
^1012 Ωmains contact – mains contact; ^1012 Ωmains contact –
mains contact after 104 operations.
LOW VOLTAGE CONTACT:
SWITCHING POWER MAX.: 12W
SWITCHING VOLTAGE MAX.: 24V
SWITCHING CURRENT MAX.: 0.5A
TOTAL TRAVEL: 4.7mm (.185 inch)
LATCHING TRAVEL: 3.3mm (.130 inch)
OPERATING FORCE: Without auxiliary low voltage contacts:
NE18: 7N (700 grams); NE18CTII: 9.5N (950 grams).
With auxiliary low voltage contacts: NE18: 8N (800 grams);
NE18CTII: 11N (1100 grams).
SEALING: Dust proof.
Materials
HOUSING, ACTUATOR & TERMINAL BOARD: Thermoplastic
polyester (UL 94V-0).
MOVABLE CONTACT: Silver nickel alloy, silver plated.
FIXED CONTACTS: Silver nickel alloy, silver plated.
COMMON CONTACTS & TERMINALS: Copper alloy, silver plated.
RETURN SPRING: Music wire.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs. All models arer RoHS compliant and compatible.
NOTE:
Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-100 thru A-106. For additional options not shown in catalog, consult Customer Service Center.
If requesting only a switch, select the switch as noted below. Buttons are sold separately.
Designation
NE18
NE1B
ZNE18 Cental mounted NE1B
Single Station Chassis
01 With .094 mounting holes
(NONE) No chassis
02 With 4-40 tapped mounting holes
03 Special chassis (consult factory)
Dress nut*
*Central mounted
ZNE18 series only
(NONE) No dress nut
B Black
C Chrome
Mechanical Function
OA Momentary
EE
Alternate (push-push)
Contact Arrangement
NE18 code # - see list


Similar Part No. - FMRWH

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMR SCHURTER-FMR Datasheet
323Kb / 1P
Fuseholder Open Design, Holder for MSF 125, horizontal, THT
logo
List of Unclassifed Man...
FMR-05D ETC2-FMR-05D Datasheet
23Kb / 3P
Radio data receiver
logo
Sanken electric
FMR-G5HS SANKEN-FMR-G5HS Datasheet
22Kb / 1P
Damper Diodes (For TV)
logo
List of Unclassifed Man...
FMR-G5HS ETC-FMR-G5HS Datasheet
69Kb / 2P
Damper Diodes
logo
LEMO Connectors
FMR.4M.340.XLC LEMO-FMR.4M.340.XLC Datasheet
80Kb / 4P
M - Rugged Ratchet coupling
More results

Similar Description - FMRWH

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
CHASSIS MOUNT
logo
Altech corporation
WMRBU ALTECH-WMRBU Datasheet
304Kb / 2P
DIN Rail, Panel Mount or Wall Mount
logo
ITT Industries
FSDBK ITT-FSDBK Datasheet
1,008Kb / 9P
Chassis or panel mount
logo
List of Unclassifed Man...
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
Panel mount or 35mm Din Rail (EN50022)
logo
Vicor Corporation
PFM4414BB6M24D0C00 VICOR-PFM4414BB6M24D0C00 Datasheet
911Kb / 23P
Chassis mount or board mount packaging options
PFM4414XB6M24D0YZZ VICOR-PFM4414XB6M24D0YZZ Datasheet
911Kb / 23P
Chassis mount or board mount packaging options
logo
TE Connectivity Ltd
RM5 TEC-RM5 Datasheet
377Kb / 4P
Plug-in version, PCB terminals, chassis or DIN rail mount
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
Chassis or DIN rail mount
logo
Bud Industries, Inc.
CB-1373 BUD-CB-1373 Datasheet
28Kb / 1P
PANEL CHASSIS
logo
Vicor Corporation
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ Datasheet
319Kb / 14P
Chassis Mount or PCB Mount Form Factor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com