Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9176-01 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9176-01
Description  Low Skew Output Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9176-01 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9176-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS9176-01 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS9176-01
Pin Configuration
Pin Description
28-Pin PLCC
28-Pin SOIC
PIN NUMBER
PIN NAME
TYPE
DESCRIPTION
1
GND
-
GROUND.
2
Q8
Output
Output clock 8
3
Q9
Output
Output clock 9.
4
VDD
-
Power supply (+5V).
5
GND
-
GROUND.
6
NC
-
No Connect.
7
NC
-
No Connect.
8
VDD
-
Power supply (+5V).
9
CLK
Input
Input for reference clock.
10
FS1
Input
FS1 selects normal operation, power-down, or test mode.
11
FBIN
Input
FEEDBACK INPUT from output FBOUT.
12
FS0
Input
FS0 selects normal operation, power-down, or test mode.
13
VDD
-
Power Supply (+5V).
14
Q/2
Output
Half-clock output.
15
GND
-
GROUND.
16
FBOUT
Output
FEEDBACK OUTPUT to Input FBIN.
17
Q1
Output
Output clock 1.
18
VDD
-
Power Supply (+5V).
19
GND
-
GROUND.
20
Q2
Output
Output clock 2.
21
Q3
Output
Output clock 3.
22
VDD
-
Power supply (+5V).
23
Q4
Output
Output clock 4.
24
Q5
Output
Output clock 5.
25
GND
-
GROUND.
26
VDD
-
Power Supply (+5V).
27
Q6
Output
Output clock 6.
28
Q7
Output
Output clock 7.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com