Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9176-01 Datasheet (PDF) - Integrated Circuit Systems

ICS9176-01 Datasheet PDF - Integrated Circuit Systems
Part # ICS9176-01
Download  ICS9176-01 Download
File Size   379.28 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Skew Output Buffer

ICS9176-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9176-01 Datasheet PDF - Integrated Circuit Systems

Part # ICS9176-01
Download  ICS9176-01 Click to download

File Size   379.28 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Skew Output Buffer

ICS9176-01 Datasheet (HTML) - Integrated Circuit Systems


ICS9176-01 Product details

General Description
the ICS9176-01 is designed specifically to support the tight timing requirements of high-performance microprocessors and chip sets. Because the jitter of the device is limited to ±250ps, the ICS9176-01 is ideal for clocking Pentium™ systems. The 10 high drive (40mA), low-skew (±250ps) outputs make the ICS9176-01 a perfect fit for PCI clocking requirements.

Features
• ICS9176-01-01 is pin compatible with Triquint GA1086
• ±500ps skew (max) between input and outputs
• ±250ps skew (max) between outputs
• 10 symmetric, TLL-compatible outputs
• 28-pin PLCC or 28-pin wide SOIC surface mount package
• High drive, 40mA outputs
• Power-down option
• Output frequency range 20 MHz to 120 MHz
• Input frequency range 20 MHz to 100 MHz
• Ideal for PCI bus applications




Similar Part No. - ICS9176-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
Low Skew Output Buffer
2019
ICS9176CM-03 RENESAS-ICS9176CM-03 Datasheet
544Kb / 9P
Low Skew Output Buffer
2019
More results


Similar Description - ICS9176-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9112-06 ICST-ICS9112-06 Datasheet
210Kb / 8P
Low Skew Output Buffer
Rev H 1/22/99
logo
PhaseLink Corporation
PLL102-03 PLL-PLL102-03 Datasheet
206Kb / 6P
Low Skew Output Buffer
PLL102-04 PLL-PLL102-04 Datasheet
236Kb / 6P
Low Skew Output Buffer
PLL102-05 PLL-PLL102-05 Datasheet
222Kb / 6P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0204 ABRACON-ABB0204 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
ABB0205 ABRACON-ABB0205 Datasheet
52Kb / 6P
Low Skew Output Buffer
03/21/05
logo
Integrated Circuit Syst...
ICS9112A-16 ICST-ICS9112A-16 Datasheet
97Kb / 8P
Low Skew Output Buffer
logo
Integrated Device Techn...
AV9172 IDT-AV9172 Datasheet
401Kb / 8P
Low Skew Output Buffer
logo
Abracon Corporation
ABB0210 ABRACON-ABB0210 Datasheet
57Kb / 6P
Low Skew Output Buffer
logo
Renesas Technology Corp
ICS9176C-03 RENESAS-ICS9176C-03 Datasheet
544Kb / 9P
Low Skew Output Buffer
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com