Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9177 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9177
Description  High Frequency System Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9177 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9177 Datasheet HTML 1Page - Integrated Circuit Systems ICS9177 Datasheet HTML 2Page - Integrated Circuit Systems ICS9177 Datasheet HTML 3Page - Integrated Circuit Systems ICS9177 Datasheet HTML 4Page - Integrated Circuit Systems ICS9177 Datasheet HTML 5Page - Integrated Circuit Systems ICS9177 Datasheet HTML 6Page - Integrated Circuit Systems ICS9177 Datasheet HTML 7Page - Integrated Circuit Systems ICS9177 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICS9177
Pin Description
*Internal pull-up resistor
PIN
NUM-
BER
PIN
NAME
TYPE
DESCRIPTION
1
GND
2
REFCLK
INPUT
from external oscillator
3
FBCLK
INPUT
external PLL Feedback path
from one of the OutC
outputs
4
DSEL1#
INPUT
PLL divider mode control
(Contains internal pull-up
resistors)
5
DSEL0#
INPUT
6
TESTEN
INPUT
Test mode ENABLE pin
7
TSTCLK
INPUT
External Test Clk
8NC
9VCC
10
GND
11
PCOUT1
OUTPUT TTL - Group 2
Programmable clock outputs
12
PCOUT0
OUTPUT
13
GND
14
VCC
15
PBOUT1
OUTPUT TTL - Group 1
Programmable clock outputs
16
PBOUT0
OUTPUT
17
VCC
18
GND
19
PAOUT1
OUTPUT TTL - Group 0
Programmable clock outputs
20
PAOUT0
OUTPUT
21
VCC
22
GND
23
RESETL
INPUT
Low true divider reset pin
24
BOUT1
OUTPUT
TTL - 50 MHz output clock
25
BOUT0
OUTPUT
26
VCC
27
GND
PIN
NUM-
BER
PIN
NAME
TYPE
DESCRIPTION
28
COUT2
OUTPUT
TTL - 25 MHz output clock
29
COUT1
OUTPUT
30
VCC
31
GND
32
COUT0
TTL - 25 MHz output clock
33
DOUT0
TTL - 12.5 MHz output
clock
34
GND
35
NC
36
AOUT1
OUTPUT ECL - 100 MHz, 75 MHz or
50 MHz based on DSEL(1:0)
pins
37
AOUT0
OUTPUT
38
NC
39
GND
40
ECL+5V
(same as
VCC)
41
NC
42
NC
43
ANALO-
G +5V
44
ANALO-
G +5V
45
AGND
46
PCSEL1
INPUT
Programmable clock Group
C select
47
PCSEL0
INPUT
48
PBSEL1
INPUT
Programmable clock Group
B select
49
PBSEL0
INPUT
50
PASEL1
INPUT
Programmable clock Group
A select
51
PASEL0
INPUT
52
VC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com