Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9177 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9177
Description  High Frequency System Clock Generator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9177 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS9177 Datasheet HTML 1Page - Integrated Circuit Systems ICS9177 Datasheet HTML 2Page - Integrated Circuit Systems ICS9177 Datasheet HTML 3Page - Integrated Circuit Systems ICS9177 Datasheet HTML 4Page - Integrated Circuit Systems ICS9177 Datasheet HTML 5Page - Integrated Circuit Systems ICS9177 Datasheet HTML 6Page - Integrated Circuit Systems ICS9177 Datasheet HTML 7Page - Integrated Circuit Systems ICS9177 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ICS9177
Table 6: AC Specification type Out B.ttl Pins
(50 MHz)
Test Load Conditions: 500
Ω, 15 pF.
Note 1: Pin skew is measured from the earliest rising edge of the group to the latest rising edge of the group.
Note 2: Delay is the intrinsic delay between the TTL drivers switching and the PECL driver switching. This is measured from
the OutA.pecl signal at the signal swing mid-point to max output of the OutB.ttl signal’s rising edge
Table 7: AC Specification type Out C.ttl Pins
(25 MHz)
Test Load Conditions: 500
Ω, 15 pF.
Note 1: Pin skew is measured from the earliest rising edge of the group to the latest rising edge of the group.
Note 2: Spread is the absolute difference between the rising edge of any OutC.ttl signal and the rising edge of any OutB.ttl
signal
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
Voh
2.4
3.2
5
volts
Output Low Voltage
Vol
0
0.3
0.8
volts
Output High Current
Ioh
16
mA
Output Low Current
Iol
24
mA
Rise Time 10-90%
tr
1
2
3
ns
Fall Time 10-90%
tf
1
2
3
ns
Pin skew to other OutB.ttl
signals 1
tsk
250
500
ps
Duty cycle at 1.5V
dcyc
45
55
%
Delay from OutA.pecl signals
2
tdly
.2
.5
ns
Skew associated with above
delay
3
tdlyskw
±0.5
ns
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
Voh
2.4
3.2
5
volts
Output Low Voltage
Vol
0
0.3
0.8
volts
Output High Current
Ioh
16
mA
Output Low Current
Iol
24
mA
Rise Time 10-90%
tr
1
2
3
ns
Fall Time 10-90%
tf
1
2
3
ns
Pin skew to other OutC.ttl
signals
1
tsk
250
500
ps
Duty cycle at 1.5V
dcyc
45
55
%
Spread to OutB.ttl signals
2
tspb
500
ps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com