Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-101 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS9248-101
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-101 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS9248-101 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 13Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 14Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 15Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 16Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 17Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
ICS9248-101
Electrical Characteristics - CPU
TA = 0 - 70C; VDD = 3.3 V +/-5%; CL = 20 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH2A
IOH = -20 mA
2.4
2.85
V
Output Low Voltage
VOL2A
IOL = 12 mA
0.31
0.4
V
Output High Current
IOH2A
VOH = 2.0 V
-45
-27
mA
Output Low Current
IOL2A
VOL = 0.8 V
22
29
mA
Rise Time
1
tr2A
VOL = 0.4 V, VOH = 2.4 V
1.5
2
ns
Fall Time
1
tf2A
VOH = 2.4 V, VOL = 0.4 V
1.4
2
ns
Duty Cycle
1
dt2A
VT = 1.5 V
45
55
%
Skew window
1
tsk2A
VT = 1.5 V
80
175
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc2A
VT = 1.5 V
200
250
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - CPU
TA = 0 - 70C; VDDL = 2.5 V +/-5%; CL = 20 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH2B
IOH = -12 mA
2
2.3
V
Output Low Voltage
VOL2B
IOL = 12 mA
0.31
0.4
V
Output High Current
IOH2B
VOH = 1.7 V
-39
-21
mA
Output Low Current
IOL2B
VOL = 0.7 V
22
26
mA
Rise Time
1
tr2B
VOL = 0.4 V, VOH = 2.0 V
1.3
1.6
ns
Fall Time
1
tf2B
VOH = 2.0 V, VOL = 0.4 V
1.4
1.6
ns
VT = 1.25 V, < 133 MHz
45
47.5
55
VT = 1.25 V, >= 133 MHz
42
47
52
Skew window
1
tsk2B
VT = 1.25 V
70
175
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc2B
VT = 1.25 V
200
300
ps
1Guaranteed by design, not 100% tested in production.
%
dt2B
Duty Cycle
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com