Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-101 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-101
Description  Frequency Generator & Integrated Buffers for PENTIUM/ProTM & K6
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-101 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-101 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-101 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
ICS9248-101
Pin Descriptions
Notes:
1:
Internal Pull-up Resistor of 120K to 3.3V on indicated inputs
2:
Bidirectional input/output pins, input logic levels are latched at internal power-on-reset. Use 10Kohm resistor
to program logic Hi to VDD or GND for logic low.
N
I
P
R
E
B
M
U
N
E
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
1F
E
R
D
D
VR
W
PV
3
.
3
l
a
n
i
m
o
n
,
y
l
p
p
u
s
r
e
w
o
p
L
A
T
X
,
f
e
R
20
F
E
RT
U
O
s
d
a
o
l
S
U
B
A
S
I
r
o
f
r
e
f
f
u
b
R
E
G
N
O
R
T
S
e
h
t
s
i
t
u
p
t
u
o
F
E
R
s
i
h
T
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
h
M
8
1
3
.
4
1
0
2#
P
O
T
S
_
I
C
PN
I
)
0
=
E
D
O
M
,
e
d
o
m
e
l
i
b
o
m
n
I
(
w
o
l
t
u
p
n
i
n
e
h
w
,
l
e
v
e
l
0
c
i
g
o
l
t
a
s
k
c
o
l
c
]
0
:
6
[
K
L
C
I
C
P
s
t
l
a
H
,
6
1
,
9
,
3
4
4
,
0
4
,
3
3
D
N
GR
W
Pd
n
u
o
r
G
41
XN
I
k
c
a
b
d
e
e
f
d
n
a
)
F
p
6
3
(
p
a
c
d
a
o
l
l
a
n
r
e
t
n
i
s
a
h
,
t
u
p
n
i
l
a
t
s
y
r
C
2
X
m
o
r
f
r
o
t
s
i
s
e
r
52
XT
U
O.
z
H
M
8
1
3
.
4
1
y
l
l
a
n
i
m
o
n
,
t
u
p
t
u
o
l
a
t
s
y
r
C
4
1
,
6I
C
P
D
D
VR
W
PV
3
.
3
l
a
n
i
m
o
n
,
]
0
:
6
[
K
L
C
I
C
P
d
n
a
F
_
K
L
C
I
C
P
r
o
f
y
l
p
p
u
S
7
#
3
.
3
_
5
.
2
U
P
C
2
,
1
N
I
.
t
u
p
n
I
d
e
h
c
t
a
L
.
U
P
C
V
3
.
3
=
W
O
L
,
U
P
C
V
5
.
2
=
h
g
i
H
.
V
3
.
3
r
o
5
.
2
s
i
U
P
C
L
D
D
V
r
e
h
t
e
h
w
s
e
t
a
c
i
d
n
I
F
_
K
L
C
I
C
PT
U
O
.
t
n
e
m
e
g
a
n
a
m
r
e
w
o
p
r
o
f
#
P
O
T
S
_
I
C
P
y
b
d
e
t
c
e
f
f
a
t
o
n
k
c
o
l
c
I
C
P
g
n
i
n
n
u
r
e
e
r
F
8
3
S
F
2
,
1
N
I.
t
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
0
K
L
C
I
C
PT
U
O
)
y
l
r
a
e
U
P
C
(
w
e
k
s
s
n
4
-
1
h
t
i
w
s
k
c
o
l
c
U
P
C
o
t
s
u
o
n
o
r
h
c
n
y
S
.
t
u
p
t
u
o
k
c
o
l
c
I
C
P
0
1
#
8
4
_
4
2
L
E
S
2
,
1
N
Iz
H
M
8
4
=
w
o
L
n
e
h
w
z
H
M
8
4
r
o
4
2
r
e
h
t
i
e
s
t
c
e
l
e
S
1
K
L
C
I
C
PT
U
O
)
y
l
r
a
e
U
P
C
(
w
e
k
s
s
n
4
-
1
h
t
i
w
s
k
c
o
l
c
U
P
C
o
t
s
u
o
n
o
r
h
c
n
y
S
.
t
u
p
t
u
o
k
c
o
l
c
I
C
P
,
3
1
,
7
1
,
8
1
,
1
1
,
2
1
]
2
:
6
[
K
L
C
I
C
PT
U
O
)
y
l
r
a
e
U
P
C
(
w
e
k
s
s
n
4
-
1
h
t
i
w
s
k
c
o
l
c
U
P
C
o
t
s
u
o
n
o
r
h
c
n
y
S
.
s
t
u
p
t
u
o
k
c
o
l
c
I
C
P
5
1N
I
R
E
F
F
U
BN
I.
s
t
u
p
t
u
o
M
A
R
D
S
r
o
f
s
r
e
f
f
u
B
t
u
o
n
a
F
o
t
t
u
p
n
I
9
1R
O
C
D
D
VR
W
PV
3
.
3
.
e
r
o
c
L
L
P
e
h
t
r
o
f
n
i
p
r
e
w
o
P
1
2#
D
P
1
N
I
e
h
T
.
e
t
a
t
s
r
e
w
o
p
w
o
l
a
o
t
n
i
e
c
i
v
e
d
e
h
t
n
w
o
d
r
e
w
o
p
o
t
d
e
s
u
n
i
p
t
u
p
n
i
w
o
l
e
v
i
t
c
a
s
u
o
n
o
r
h
c
n
y
s
A
r
e
w
o
p
e
h
t
f
o
y
c
n
e
t
a
l
e
h
T
.
d
e
p
p
o
t
s
e
r
a
l
a
t
s
y
r
c
e
h
t
d
n
a
O
C
V
e
h
t
d
n
a
d
e
l
b
a
s
i
d
e
r
a
s
k
c
o
l
c
l
a
n
r
e
t
n
i
.
s
m
4
n
a
h
t
r
e
t
a
e
r
g
e
b
t
o
n
l
l
i
w
n
w
o
d
2
28
4
D
N
GR
W
P.
e
r
o
c
L
L
P
d
e
x
i
f
&
s
r
e
f
f
u
b
t
u
p
t
u
o
z
H
M
8
4
&
4
2
e
h
t
r
o
f
n
i
p
d
n
u
o
r
G
,
2
3
,
1
3
,
9
2
,
8
2
8
3
,
7
3
,
5
3
,
4
3
]
0
:
7
[
M
A
R
D
ST
U
O
.
)
t
e
s
p
i
h
c
y
b
d
e
l
l
o
r
t
n
o
c
(
n
i
p
N
I
R
E
F
F
U
B
m
o
r
f
s
t
u
p
t
u
o
r
e
f
f
u
B
t
u
o
n
a
F
,
s
t
u
p
t
u
o
k
c
o
l
c
M
A
R
D
S
6
3
,
0
3R
D
S
D
D
VR
W
P.
V
3
.
3
l
a
n
i
m
o
n
,
e
r
o
C
L
L
P
U
P
C
d
n
a
]
0
:
7
[
M
A
R
D
S
r
o
f
y
l
p
p
u
S
3
2A
T
A
D
SN
II
r
o
f
t
u
p
n
i
a
t
a
D
2
t
u
p
n
i
t
n
a
r
e
l
o
t
V
5
,
t
u
p
n
i
l
a
i
r
e
s
C
4
2K
L
C
SN
II
f
o
t
u
p
n
i
k
c
o
l
C
2
t
u
p
n
i
t
n
a
r
e
l
o
t
V
5
,
t
u
p
n
i
C
5
2
z
H
M
8
4
_
4
2T
U
O0
1
n
i
p
y
b
e
l
b
a
t
c
e
l
e
s
k
c
o
l
c
t
u
p
t
u
o
z
H
M
8
4
r
o
z
H
M
4
2
1
S
F
2
,
1
N
I.
t
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
6
2
z
H
M
8
4T
U
Ok
c
o
l
c
t
u
p
t
u
o
z
H
M
8
4
0
S
F
2
,
1
N
It
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F
7
28
4
D
D
VR
W
P.
e
r
o
c
L
L
P
d
e
x
i
f
d
n
a
s
r
e
f
f
u
b
t
u
p
t
u
o
z
H
M
8
4
&
4
2
r
o
f
r
e
w
o
P
9
3F
_
M
A
R
D
ST
U
O#
P
O
T
S
_
U
P
C
y
b
d
e
t
c
e
f
f
a
t
o
N
.
t
u
p
t
u
o
k
c
o
l
c
M
A
R
D
S
g
n
i
n
n
u
r
e
e
r
F
1
4#
P
O
T
S
_
K
L
CN
I
.
w
o
l
n
e
v
i
r
d
n
e
h
w
l
e
v
e
l
"
0
"
c
i
g
o
l
t
a
)
7
:
0
(
M
A
R
D
S
&
,
)
2
:
0
(
K
L
C
U
P
C
s
t
l
a
h
t
u
p
n
i
s
u
o
n
o
r
h
c
n
y
s
a
s
i
h
T
5
4
,
3
4
,
2
4]
0
:
2
[
K
L
C
U
P
CT
U
OU
P
C
L
D
D
V
y
b
d
e
r
e
w
o
p
,
s
t
u
p
t
u
o
k
c
o
l
c
U
P
C
6
4F
_
K
L
C
U
P
CT
U
O#
P
O
T
S
_
U
P
C
e
h
t
y
b
d
e
t
c
e
f
f
a
t
o
N
.
k
c
o
l
c
U
P
C
g
n
i
n
n
u
r
e
e
r
F
7
4U
P
C
L
D
D
VR
W
PV
5
.
2
s
k
c
o
l
c
U
P
C
r
o
f
y
l
p
p
u
S
8
4
1
F
E
RT
U
O.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
z
H
M
8
1
3
.
4
1
2
S
F
2
,
1
N
It
u
p
n
I
d
e
h
c
t
a
L
.
n
i
p
t
c
e
l
e
s
y
c
n
e
u
q
e
r
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com