Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-29 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS9250-29
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-29 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS9250-29 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 9Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 10Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 11Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 12Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
ICS9250-29
Electrical Characteristics - 3V66
T
A = 0 - 70C; VDD = 3.3 V +/-5%; VDDL = 2.5 V +/-5%;CL = 10-30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
R
DSP1
1
V
O = VDD*(0.5)
12
55
Ω
Output Impedance
R
DSN1
1
V
O = VDD*(0.5)
12
55
Ω
Output High Voltage
V
OH1
I
OH = -1 mA
2.4
V
Output Low Voltage
V
OL1
I
OL = 1 mA
0.4
V
Output High Current
I
OH1
VOH@ MIN = 1.0 V, VOH@ MAX = 3.135 V
-33
-33
mA
Output Low Current
I
OL1
VOL@ MIN = 1.95 V, VOL@ MAX= 0.4V
30
38
mA
Rise Time
t
r1
1
V
OL = 0.4 V, VOH = 2.4 V
0.5
1.46
2
ns
Fall Time
t
f1
1
V
OH = 2.4 V, VOL = 0.4 V
0.5
1.47
2
ns
Duty Cycle
d
t1
1
V
T = 1.5 V
45
50.2
55
%
Skew
t
sk1
1
V
T = 1.5 V
175
ps
Jitter
t
jcyc-cyc
1
V
T = 1.5 V
500
ps
1Guarenteed by design, not 100% tested in production.
Electrical Characteristics - CPU
T
A = 0 - 70C, VDD=3,3V +/-5%, VDDL = 2.5 V +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output Impedance
R
DSP2B
1
V
O = VDD*(0.5)
13.5
45
Ω
Output Impedance
R
DSN2B
1
V
O = VDD*(0.5)
13.5
45
Ω
Output High Voltage
V
OH2B
I
OH = -1 mA
2
V
Output Low Voltage
V
OL2B
I
OL = 1 mA
0.4
V
Output High Current
I
OH2B
V
OH @MIN= 1.0V , VOH@ MAX= 2.375V
-27
-27
mA
Output Low Current
I
OL2B
V
OL @MIN= 1.2V , VOL@ MAX= 0.3V
27
30
mA
Rise Time
t
r2B
1
V
OL = 0.4 V, VOH = 2.0 V
0.4
1.10
1.6
ns
Fall Time
t
f2B
1
V
OH = 2.0 V, VOL = 0.4 V
0.4
1.26
1.6
ns
Duty Cycle
d
t2B
1
V
T = 1.25 V
45
53.6
55
%
Skew
t
sk2B
1
V
T = 1.25 V
175
ps
Jitter
t
jcyc-cyc
1
V
T = 1.25 V
250
ps
1Guarenteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com