Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-29 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9250-29
Description  Frequency Generator & Integrated Buffers for Celeron & PII/III?
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9250-29 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9250-29 Datasheet HTML 1Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 2Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 3Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 4Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 5Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 6Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 7Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 8Page - Integrated Circuit Systems ICS9250-29 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Integrated
Circuit
Systems, Inc.
ICS9250-29
Third party brands and names are the property of their respective owners.
Block Diagram
9250-29 Rev A 02/01/01
Recommended Application:
Solano type chipset.
Output Features:
•
2 CPU (2.5V) (up to 133MHz achievable through I
2C)
•
13 SDRAM (3.3V) (up to 133MHz achievable
through I
2C)
•
5 PCI (3.3 V) @33.3MHz
•
1 IOAPIC (2.5V) @ 33.3 MHz
•
3 Hublink clocks (3.3 V) @ 66.6 MHz
•
2 (3.3V) @ 48 MHz (Non spread spectrum)
•
1 REF (3.3V) @ 14.318 MHz
Features:
•
Supports spread spectrum modulation,
0 to -0.5% down spread.
•I
2C support for power management
•
Efficient power management scheme through PD#
•
Uses external 14.138 MHz crystal
•
Alternate frequency selections available through I
2C
control.
Functionality
Pin Configuration
56-Pin 300mil SSOP
* This input has a 50K
9 pull-down to GND.
** This input has a 50K
9pull-up to VDD
IOAPIC
VDDL
GNDL
*FS1/REF
VDDR
X1
X2
GNDR
VDD3
3V66-0
3V66-1
3V66-2
GND3
PCICLK0
PCICLK1
PCICLK2
VDD2
GND2
PCICLK3
PCICLK4
FS0
GNDA
VDDA
SCLK
SDATA
GNDF
VDDF
48MHz_0
GNDL
VDDL
CPUCLK0
CPUCLK1
GND1
SDRAM0
SDRAM1
VDD1
GND1
SDRAM2
SDRAM3
SDRAM4
SDRAM5
VDD1
GND1
SDRAM6
SDRAM7
SDRAM8
SDRAM9
VDD1
GND1
SDRAM10
SDRAM11
VDD1
GND1
SDRAM12
TRISTATE#/PD#**
48MHz_1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Frequency Generator & Integrated Buffers for Celeron & PII/III™
REF
CPU66/100/133 [1:0]
VDDL
3V66 [2:0]
SDRAM [12:0]
PCICLK [4:0]
IOAPIC
VDDL
PLL2
48MHz [1:0]
X1
X2
XTAL
OSC
Control
Logic
Config
Reg
FS(1:0)
PD#
TRISTATE#
2
2
3
13
5
/2
/2
/3
/2
PLL1
Spread
Spectrum
SDATA
SCLK
#
e
t
a
t
s
i
r
T0
S
F1
S
F
U
P
C
z
H
M
M
A
R
D
S
z
H
M
00
X
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
01
X
t
s
e
Tt
s
e
T
10
0
z
H
M
6
6z
H
M
0
0
1
11
0
z
H
M
0
0
1z
H
M
0
0
1
10
1
z
H
M
3
3
1z
H
M
3
3
1
11
1
z
H
M
3
3
1z
H
M
0
0
1
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the
latest version of all device data to verify that any information being relied
upon by the customer is current and accurate.
Power Groups
VDDA, GNDA = CPU, PLL (analog)
VDDF, GNDF = Fixed PLL, 48M (analog/digital)
VDDR, GNDR = REF, X1, X2 (analog/digital)
VDD3, GND3 = 3V66 (digital)
VDD2, GND2 = PCI (digital)
VDD1, GND1 = SDRAM (digital)
VDDL, GNDL = IOAPIC, CPU (digital)


Similar Part No. - ICS9250-29

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-22 ICST-ICS9250-22 Datasheet
106Kb / 11P
Frequency Generator for P IV?
Rev B 12/08/00
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 4/3/01
logo
Renesas Technology Corp
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
logo
Integrated Circuit Syst...
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
ICS9250-26 ICST-ICS9250-26 Datasheet
223Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/19/01
More results

Similar Description - ICS9250-29

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 7/17/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9248-99 ICST-ICS9248-99 Datasheet
451Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 8/27/99
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-19 ICST-ICS9250-19 Datasheet
562Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev C 4/12/01
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com