Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94209 Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICS94209
Description  Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94209 Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICS94209 Datasheet HTML 11Page - Integrated Circuit Systems ICS94209 Datasheet HTML 12Page - Integrated Circuit Systems ICS94209 Datasheet HTML 13Page - Integrated Circuit Systems ICS94209 Datasheet HTML 14Page - Integrated Circuit Systems ICS94209 Datasheet HTML 15Page - Integrated Circuit Systems ICS94209 Datasheet HTML 16Page - Integrated Circuit Systems ICS94209 Datasheet HTML 17Page - Integrated Circuit Systems ICS94209 Datasheet HTML 18Page - Integrated Circuit Systems ICS94209 Datasheet HTML 19Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
ICS94209
Third party brands and names are the property of their respective owners.
PCI_STOP# Timing Diagram
PCI_STOP# is an asynchronous input to the ICS94209. It is used to turn off the PCICLK clocks for low power operation.
PCI_STOP# is synchronized by the ICS94209 internally. The minimum that the PCICLK clocks are enabled (PCI_STOP# high
pulse) is at least 10 PCICLK clocks. PCICLK clocks are stopped in a low state and started with a full high pulse width guaranteed.
PCICLK clock on latency cycles are only one rising PCICLK clock off latency is one PCICLK clock.
Notes:
1. All timing is referenced to the Internal CPUCLK (defined as inside the ICS94209 device.)
2. PCI_STOP# is an asynchronous input, and metastable conditions may exist. This signal is required to be synchronized
inside the ICS94209.
3. All other clocks continue to run undisturbed.
4. CPU_STOP# is shown in a high (true) state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com