Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS94209 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS94209
Description  Programmable Frequency Generator & Integrated Buffers for Pentium III Processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94209 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS94209 Datasheet HTML 6Page - Integrated Circuit Systems ICS94209 Datasheet HTML 7Page - Integrated Circuit Systems ICS94209 Datasheet HTML 8Page - Integrated Circuit Systems ICS94209 Datasheet HTML 9Page - Integrated Circuit Systems ICS94209 Datasheet HTML 10Page - Integrated Circuit Systems ICS94209 Datasheet HTML 11Page - Integrated Circuit Systems ICS94209 Datasheet HTML 12Page - Integrated Circuit Systems ICS94209 Datasheet HTML 13Page - Integrated Circuit Systems ICS94209 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
ICS94209
Third party brands and names are the property of their respective owners.
Electrical Characteristics - PCI
TA = 0 - 70C; VDD = 3.3 V +/-5%; VDDL = 2.5 V +/-5%; CL = 10-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP1B
1
VO = VDD*(0.5)
12
55
Ω
Output Impedance
RDSN1B
1
VO = VDD*(0.5)
12
55
Ω
Output High Voltage
VOH1
IOH = -1 mA
2.4
V
Output Low Voltage
VOL1
IOL = 1 mA
0.55
V
Output High Current
IOH1
VOH @ MIN = 1.0 V
-29
mA
Output Low Current
IOL1
VOL @ MIN = 1.95 V
29
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
0.5
2.3
2.5
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
0.5
2.3
2.5
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
51.2
55
%
Skew window
1
tsk1
VT = 1.5 V
108
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc1
VT = 1.5 V
353
500
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - SDRAM
TA = 0 - 70C; VDD = 3.3 V +/-5%;VDDL = 2.5 V +/-5%; CL = 20-30 pF (unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance
RDSP3B
1
VO = VDD*(0.5)
10
24
Ω
Output Impedance
RDSN3B
1
VO = VDD*(0.5)
10
24
Ω
Output High Voltage
VOH3
IOH = -18 mA
2.4
V
Output Low Voltage
VOL3
IOL = 9.4 mA
0.4
V
Output High Current
IOH3
VOH = 2.0 V
-46
mA
Output Low Current
IOL3
VOL = 0.8V
mA
Rise Time
1
tr3
VOL = 0.4 V, VOH = 2.4 V
0.8
1.6
ns
Fall Time
1
tf3
VOH = 2.4 V, VOL = 0.4 V
0.8
1.6
ns
Duty Cycle
1
dt3
VT = 1.5 V
45
48.5
55
%
Skew window
1(0:11)
tsk3
VT = 1.5 V
192
250
ps
Skew window
1( 0:12)
tsk3
VT = 1.5 V
290
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc3
VT = 1.5 V, CPU=66,100,133 MHz
173
250
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com