Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2011 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK2011
Description  Fast Ethernet Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2011 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK2011 Datasheet HTML 1Page - Integrated Circuit Systems MK2011 Datasheet HTML 2Page - Integrated Circuit Systems MK2011 Datasheet HTML 3Page - Integrated Circuit Systems MK2011 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MK2011
Fast Ethernet Clock Source
MDS 2011 B
2
Revision 120597
Printed 11/15/00
MicroClock Division of ICS•1271 Parkmoor Ave.•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
Number
Name
Type
Description
1
X1/ICLK
I
Crystal Connection. Connect to a 20.000 MHz crystal or clock.
2
VDD
P
Connect to +5V.
3
GND
P
Connect to ground.
4
25M
O
25.000 MHz clock output.
5
50M
O
50.000 MHz clock output.
6
GND
P
Connect to ground.
7
20M
O
20.000 MHz buffered crystal clock output.
8
X2
O
Crystal Connection to a 20.000 MHz crystal, or leave unconnected for clock input.
Pin Descriptions
Key: I = Input, O = output, P = power supply connection
Pin Assignment
20.00 MHz in
(crystal caps not
shown)
Pin 1
33
Ω (optional)
2
3
5
6
7
0.1µF
25MHz out
50MHz out
G
V
33
Ω (optional)
Suggested Layout
4
8
External Components/Crystal Selection
A minimum number of external components are required for proper oscillation. For a crystal input, one
22pF load capacitor should be connected to each of the X1 and X2 pins and ground, and a parallel
resonant 20.000 MHz, 16pF load, crystal is recommended. The frequency tolerance of the crystal should
be 50ppm or better. For a clock input, connect to X1 and leave X2 unconnected. A decoupling capacitor of
0.1µF should be connected between VDD and GND on pins 2 and 3, and 33
Ω terminating resistors
should be used on clock outputs with traces longer than 1 inch.
33
Ω (optional)
20MHz
out
1
8
2
3
4
7
6
5
X1/ICLK
20M
GND
X2
VDD
GND
50M
8 pin SOIC
25M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com