Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2011 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK2011
Description  Fast Ethernet Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2011 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK2011 Datasheet HTML 1Page - Integrated Circuit Systems MK2011 Datasheet HTML 2Page - Integrated Circuit Systems MK2011 Datasheet HTML 3Page - Integrated Circuit Systems MK2011 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MK2011
Fast Ethernet Clock Source
MDS 2011 B
4
Revision 120597
Printed 11/15/00
MicroClock Division of ICS•1271 Parkmoor Ave.•San Jose•CA•95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
While the information presented herein has been checked for both accuracy and reliability, MicroClock Incorporated assumes no responsibility for either its use or for the
infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in
normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements
are not recommended without additional processing by MicroClock. MicroClock reserves the right to change any circuitry or specifications without notice. MicroClock does not
authorize or warrant any MicroClock product for use in life support devices or critical medical instruments.
Package Outline and Package Dimensions
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.055
0.068
1.397
1.7272
b
0.013
0.019
0.330
0.483
D
0.185
0.200
4.699
5.080
E
0.150
0.160
3.810
4.064
H
0.225
0.245
5.715
6.223
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
h
0.015
0.381
Q
0.004
0.01
0.102
0.254
8 pin SOIC
Ordering Information
Part/Order Number
Marking
Package
Temperature
MK2011S
MK2011S
8 pin SOIC
0-70°C
MK2011STR
MK2011S
Add tape and reel
0-70°C
c
A
b
D
E
H
e
h x 45°
Q
Pin 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com