Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK3233-01STR Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # MK3233-01STR
Description  Handheld System Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3233-01STR Datasheet(HTML) 3 Page - Integrated Circuit Systems

  MK3233-01STR Datasheet HTML 1Page - Integrated Circuit Systems MK3233-01STR Datasheet HTML 2Page - Integrated Circuit Systems MK3233-01STR Datasheet HTML 3Page - Integrated Circuit Systems MK3233-01STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MK3233
Handheld System Clock Synthesizer
MDS 3233 F
3
Revision 11070
Printed 11/16/00
Integrated Circuit Systems, Inc.• 525 Race Street• San Jose • CA • 95126• (408) 295-9800 tel • www.icst.com
I C R O
C LOC K
Note 1: Stresses beyond those listed under Absolute Maximum Ratings could cause permanent damage to the device. Prolonged
exposure to levels above the operating limits but below the Absolute Maximums may affect device reliability.
Note 2: When PD=0 (low) and VDD32 is greater than 2.0V, then the 32kHz oscillator will continue to run on the chip, but the
output is turned off. This allows for a quick power-up (<20ms), while the chip is only consuming approximately 1µA.
Parameter
Conditions
Minimum
Typical
Maximum
Units
ABSOLUTE MAXIMUM RATINGS (note 1)
ABSOLUTE MAXIMUM RATINGS (note 1)
Supply Voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Ambient Operating Temperature
-20
70
°C
Soldering Temperature
Max of 10 seconds
260
°C
Storage Temperature
-65
150
°C
DC CHARACTERISTICS (at 5.0 V unless otherwise noted)
DC CHARACTERISTICS (at 5.0 V unless otherwise noted)
Operating Voltage, VDD
3.0
5.5
V
Operating Voltage, VDD32
2.0
5.5
V
Input High Voltage, VIH
VDD=5 V
2.0
V
Input Low Voltage, VIL
VDD=5 V
0.8
V
Output High Voltage, VOH
VDD=5 V, IOH=-25mA
2.4
V
Output Low Voltage, VOL
VDD=5 V, IOL=25mA
0.4
V
Input High Voltage, VIH
VDD=3.3 V
1.9
V
Input Low Voltage, VIL
VDD=3.3 V
0.4
V
Output High Voltage, VOH
VDD=3.3 V, IOH=-8mA
2.4
V
Output Low Voltage, VOL
VDD=3.3 V, IOL=8mA
0.4
V
IDD Operating Supply Current, 5 V
No Load, 50MHz
11
mA
IDD32 with only 32 kHz running, 5 V
No Load
3.5
µA
IDD Operating Supply Current, 3.3 V
No Load, 50MHz
6.5
mA
IDD32 with only 32 kHz output running, 3.3 V
No Load
2.5
µA
IDD32, only 32 kHz osc. running, 3.3 V, note 2
32kHz output off. PD=0
1
µA
Short Circuit Current, 5 V
32 kHz output
±30
mA
Short Circuit Current, 5 V
CPU output
±100
mA
Input Capacitance
7
pF
AC CHARACTERISTICS (at 5.0 V unless otherwise noted)
AC CHARACTERISTICS (at 5.0 V unless otherwise noted)
Input Frequency
32.768
kHz
Output Clock Rise and Fall Time, 0.2 to 0.8VDD
2
ns
Output Clock Duty Cycle, all MHz clocks
At VDD/2
45
49 to 51
55
%
32.768 kHz Clock Duty Cycle
At VDD32/2
57
%
Absolute Clock Period Jitter, CPU clock
20 to 50 MHz
-500
500
ps
Power up time, CPU off to 50 MHz, 32k running VDD=3.3 or 5 V
9
ms
Transition time, 8 MHz to 50 MHz
VDD=3.3 or 5 V
4
ms
Transition time, 50 MHz to 8 MHz
VDD=3.3 or 5 V
2.5
ms
Power on time,VDD32=0 V to all clocks stable
32.768kHz crystal with ESR
≤25kΩ
32.768kHz crystal with ESR
≤25kΩ
500
1000
ms
Power on time, all power down pins taken high
32.768kHz oscillator running
32.768kHz oscillator running
15
ms
Electrical Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com