Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK3233-01STR Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK3233-01STR
Description  Handheld System Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3233-01STR Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK3233-01STR Datasheet HTML 1Page - Integrated Circuit Systems MK3233-01STR Datasheet HTML 2Page - Integrated Circuit Systems MK3233-01STR Datasheet HTML 3Page - Integrated Circuit Systems MK3233-01STR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MK3233
Handheld System Clock Synthesizer
MDS 3233 F
4
Revision 11070
Printed 11/16/00
Integrated Circuit Systems, Inc.• 525 Race Street• San Jose • CA • 95126• (408) 295-9800 tel • www.icst.com
I C R O
C LOC K
Ordering Information
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its
use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is
intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does
not authorize or warrant any ICS product for use in life support devices or critical medical instruments.
Part/Order Number
Marking
Communications Clock
Package
Temperature
MK3233-01S
MK3233-01S
1.843 MHz
16 pin SOIC
-20 to 70 °C
MK3233-02S
MK3233-02S
3.686 MHz
16 pin SOIC
-20 to 70 °C
MK3233-01STR
MK3233-01S
1.843 MHz
Add Tape & Reel
-20 to 70 °C
MK3233-02STR
MK3233-02S
3.686 MHz
Add Tape & Reel
-20 to 70 °C
Package Outline and Package Dimensions
(For current dimensional specifications, see JEDEC Publication No. 95.)
16 pin SOIC narrow
Inches
Inches
Millimeters
Millimeters
Symbol
Min
Max
Min
Max
A
0.0532
0.0688
1.35
1.75
A1
0.0040
0.0098
0.10
0.24
B
0.0130
0.0200
0.33
0.51
C
0.0075
0.0098
0.19
0.24
D
0.3859
0.3937
9.80
10.00
E
0.1497
0.1574
3.80
4.00
e
.050 BSC
.050 BSC
1.27 BSC
1.27 BSC
H
0.2284
0.2440
5.80
6.20
h
0.0099
0.0195
0.25
0.50
L
0.0160
0.0500
0.41
1.27
B
D
E
H
e
A1
C
A
h x 45°
L
INDEX
AREA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com