Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK712 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # MK712
Description  Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK712 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button MK712 Datasheet HTML 8Page - Integrated Circuit Systems MK712 Datasheet HTML 9Page - Integrated Circuit Systems MK712 Datasheet HTML 10Page - Integrated Circuit Systems MK712 Datasheet HTML 11Page - Integrated Circuit Systems MK712 Datasheet HTML 12Page - Integrated Circuit Systems MK712 Datasheet HTML 13Page - Integrated Circuit Systems MK712 Datasheet HTML 14Page - Integrated Circuit Systems MK712 Datasheet HTML 15Page - Integrated Circuit Systems MK712 Datasheet HTML 16Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
0
2
4
6
8
10
12
14
16
18
100
1000
10000
MK712 Power Supply Current vs. Touchscreen Resistance
Vdd= 5 V
197 points per second
147 points per second
86 points per second
13 points per second
0
2
4
6
8
10
12
100
1000
10000
197 points per second
147 points per second
86 points per second
13 points per second
MK712
Touch Screen Controller
MDS 712 I
13
Revision 100899
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race St.•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
MK712 Power Supply Current vs. Touchscreen Resistance
VDD=3.3V
MK712 Power Supply Current vs. Touchscreen Resistance
VDD=5V
Graph 1
Graph 2
Touchscreen Resistance (
Ω)
Touchscreen Resistance (
Ω)
IDD
(mA)
IDD
(mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com