Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK712 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK712
Description  Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK712 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK712 Datasheet HTML 1Page - Integrated Circuit Systems MK712 Datasheet HTML 2Page - Integrated Circuit Systems MK712 Datasheet HTML 3Page - Integrated Circuit Systems MK712 Datasheet HTML 4Page - Integrated Circuit Systems MK712 Datasheet HTML 5Page - Integrated Circuit Systems MK712 Datasheet HTML 6Page - Integrated Circuit Systems MK712 Datasheet HTML 7Page - Integrated Circuit Systems MK712 Datasheet HTML 8Page - Integrated Circuit Systems MK712 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MK712
Touch Screen Controller
MDS 712 I
4
Revision 100899
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race St.•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
Register Description
The MK712 register set is designed to be compatible with the Gazelle pen digitizer registers allowing a
software driver for the Gazelle digitizer to be used with the MicroClock MK712. The eight 8-bit registers
are defined below:
STATUS HIGH (1 READ)
Always zero
1 = touch
1 = conversion complete,
cleared on Y-HIGH read
STATUS LOW (0 READ)
NOTE: When the screen is touched bits 4 and 5,
register 0, and bits 2 and 3 of register 1 are all set to one.
Always zero
1 = touch
Always zero
X-LOW (2 READ)
Low order bits of X co-ordinate
Y-LOW (4 READ)
Low order bits of Y co-ordinate
High order bits of Y co-ordinate
Always zero
Count controls frequency of
conversion when periodic
conversions are enabled. See
table on page 5.
NOTE: Bits 2 or 3 and bits 6 or 7 are logically OR’d. For
example writing bit 2 or bit 3 to a one will enable interrupts
on change in touch status.
1 = enable interrupts
1 = interrupt on conversion
complete ( if bit 0 = 1)
1 = interrupt on change in
touch status (if bit 0 = 1)
1 = enable periodic conversions at
rate indicated by RATE register
1 = read one point. Cleared when
conversion complete. Only functions
when bit 4 = 0
0 = powerdown (PD). Conversions,
interrupts and TOUCH output disabled
1 = powerdown (PD). Conversions,
interrupts and TOUCH output
disabled.
X-HIGH (3 READ)
High order bits of X co-ordinate
Always zero
7
1
0
3
2
5
4
6
7
1
0
3
2
5
4
6
7
1
0
3
2
5
4
6
7
1
0
3
2
5
4
6
7
1
0
3
2
5
4
6
RATE (7 R/W)
7
1
0
3
2
5
4
6
1 = interrupt on change in
touch status (if bit 0 = 1)
CONTROL (6 R/W)
7
1
0
3
2
5
4
6
Always zero
Y-HIGH (5 READ)
7
1
0
3
2
5
4
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com