Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK712RITR Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # MK712RITR
Description  Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK712RITR Datasheet(HTML) 5 Page - Integrated Circuit Systems

  MK712RITR Datasheet HTML 1Page - Integrated Circuit Systems MK712RITR Datasheet HTML 2Page - Integrated Circuit Systems MK712RITR Datasheet HTML 3Page - Integrated Circuit Systems MK712RITR Datasheet HTML 4Page - Integrated Circuit Systems MK712RITR Datasheet HTML 5Page - Integrated Circuit Systems MK712RITR Datasheet HTML 6Page - Integrated Circuit Systems MK712RITR Datasheet HTML 7Page - Integrated Circuit Systems MK712RITR Datasheet HTML 8Page - Integrated Circuit Systems MK712RITR Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MK712
Touch Screen Controller
MDS 712 I
5
Revision 100899
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race St.•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
Rate Register (Register 7) Programming
Count
P.P.S.
Count
P.P.S.
Count
P.P.S.
0 to 8
Not Permitted
28
95
100
32
9
197
29
93
105
31
10
187
30
90
110
29
11
177
31
88
115
28
12
169
32
86
120
27
13
161
33
84
125
26
14
154
34
82
130
25
15
147
35
80
135
24
16
141
40
72
140
24
17
136
45
65
145
23
18
131
50
60
150
22
19
126
55
55
155
21
20
122
60
51
165
20
21
118
65
47
175
19
22
114
70
44
185
18
23
110
75
42
195
17
24
107
80
39
205
16
25
104
85
37
225
15
26
101
90
35
235
14
27
98
95
34
255
13
P.P.S. = Points Per Second. With a 14.318 MHz clock.
The formula for determining P.P.S. is:
P.P.S. =
35716 + (4096 x COUNT)
fin
Where fin is the frequency
of the CLKIN input.
Initializing the MK712
The interrupt on the MK712 can only be cleared by reading a register or by writing register 6 to the
power down condition. After a fault condition, initialize the MK712 by writing register 6 to zero and
then writing register 6 to the desired value. This will always clear pending interrupts.
Calculating Points Per Second
On application of power, an internal reset is generated that clears all bits in registers 0, 1, and 6. Register 7 is
set to 32 giving a rate of 86 PPS. Note that clearing register 6 puts the IC into the power down condition.
Power-On Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com