Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK712RITR Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # MK712RITR
Description  Touch Screen Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK712RITR Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button MK712RITR Datasheet HTML 5Page - Integrated Circuit Systems MK712RITR Datasheet HTML 6Page - Integrated Circuit Systems MK712RITR Datasheet HTML 7Page - Integrated Circuit Systems MK712RITR Datasheet HTML 8Page - Integrated Circuit Systems MK712RITR Datasheet HTML 9Page - Integrated Circuit Systems MK712RITR Datasheet HTML 10Page - Integrated Circuit Systems MK712RITR Datasheet HTML 11Page - Integrated Circuit Systems MK712RITR Datasheet HTML 12Page - Integrated Circuit Systems MK712RITR Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MK712
Touch Screen Controller
MDS 712 I
9
Revision 100899
Printed 11/16/00
Integrated Circuit Systems, Inc.•525 Race St.•San Jose•CA•95126•(408)295-9800tel•www.icst.com
I C R O
C LOC K
XH
XL
YL
MK712
FULL
SCALE
(4095)
X
CO-ORDINATE
BOARD AND WIRE
INTERCONNECT
SCREEN
INTERCONNECT
SCREEN
SCREEN
INTERCONNECT
BOARD AND WIRE
INTERCONNECT
Analog to Digital Converter Operation
The 12-bit ADC converts X and Y co-ordinates at a rate determined by registers 6 and 7. The
converter uses a ratiometric technique to give absolute co-ordinates on the screen, largely independent
of variations in screen resistance, temperature or power supply voltage. The total voltage applied across
the screen is defined as full-scale for the converter (i.e. 4095) and any point touched on the screen is
proportional to this. For example, if the screen is touched exactly in the center, the converter will read
2047. This feature may allow for the elimination of calibration upon startup.
However, the full scale voltage is defined at the IC pins and so any parasitic interconnect resistance will
be included in full scale. In addition, the interconnect resistances on the screen also account for about
20% of the total resistance. This means that approximately the bottom 10% and top 10% of full scale
are inaccessible.
The converter is guaranteed to be monotonic, with no missing codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com