Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54WS Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # BAT54WS
Description  SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

BAT54WS Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  BAT54WS Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED BAT54WS Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Diodes
SCHOTTKY BARRIER DIODE
FEATURES
Low turn-on voltage.
Fast switching.
Ultra-small surface mount package.
PN junction guard ring for transient and ESD protection.
MARKING
L9
MAXIMUM RATING @ Ta=25
unless otherwise specified
Parameter
Symbol
Limits
Unit
Peak Repetitive reverse voltage
Working peak reverse voltage
DC reverse voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current
IO
100
mA
Forward continuous Current
IF
200
mA
Repetitive peak Forward Current
IFRM
300
mA
Forward Surge Current
@t<1.0s
IFSM
600
mA
Power Dissipation
Pd
200
mW
Thermal resistance,junction to ambient air
RθjA
625
/W
Junction temperature
Tj
125
Storage temperature range
Tstg
-65-150
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
V(BR)R
IR=100μA
30
V
Forward voltage
VF1
IF=0.1mA
240
mV
VF2
IF=1.0mA
320
mV
VF3
IF=10mA
400
mV
VF4
IF=30mA
500
mV
VF5
IF=100mA
1000
mV
Reverse leakage current
IR
VR=25V
2.0
μA
Reverse recovery time
trr
IF=10mA,IR=10mA
to 1mA RL=100Ω
5.0
ns
Junction capacitance
CJ
VR=1.0V,f=1.0MHz
10
pF
SOD-323
-
+
BAT54WS
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54WS PANJIT-BAT54WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
BAT54WS WTE-BAT54WS Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
64Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 4 - 2
logo
General Semiconductor
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
logo
Diodes Incorporated
BAT54WS DIODES-BAT54WS Datasheet
85Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30098 Rev. 8 - 2
More results

Similar Description - BAT54WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com