Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # BAV70
Description  SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

BAV70 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  BAV70 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED BAV70 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
MAKO Semiconductor Co., Limited
SCHOTTKY DIODES
FEATURES
Fast Switching Speed
For General Purpose Switching Applications
High Conductance
MARKING:
MAXIMUM RATINGS (TA=25
unless otherwise noted)
Parameter
Symbol
Limit
s
Unit
Reverse voltage
V
R
70
0
V
Forward Current
I
F
200
0
0
mA
Peak Forward Surge Current
IFM(surge)
500
0
0
mA
Power Dissipation
P
D
225
2
5
mW
Thermal Resistance Junction to Ambient Air
RθJ
A
556
5
6
/W
Junction temperature
T
J
150
5
0
Storage temperature range
TST
G
-55-150
50
ELECTRICAL CHARACTERISTICS (Tamb=25
unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Reverse Breakdown Voltage
V R
70
V
IR=100μA
Forward voltage
VF1
0.715
V
IF=1mA
VF2
0.855
V
IF=10mA
VF3
1
V
IF=50mA
VF4
1.25
V
IF=150mA
Reverse current
IR
2.5
μA
VR=70V
Capacitance between terminals
CT
1.5
pF
VR=0,f=1MHz
Reverse recovery time
t rr
6
ns
IF = IR = 10mA,
Irr= 0.1 x IR, RL = 100Ω
BAW56:A1
BAV70:A4
BAV99:A7
Plastic- Encapsulate Diodes
SOT-23
BAW56/BAV70/BAV99


Similar Part No. - BAV70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV70 PHILIPS-BAV70 Datasheet
56Kb / 12P
High-speed double diode
1999 May 05
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAV70 TRSYS-BAV70 Datasheet
146Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV70

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com