Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2222 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MMBT2222
Description  Epitaxial planar die construction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

MMBT2222 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  MMBT2222 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED MMBT2222 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAKO SEMICONDUCTOR CO.,LIMITED
SOT-23 Plastic-Encapsulate Transistors
MMBT2222A
TRANSISTOR (NPN)
FEATURES
Epitaxial planar die construction
Complementary PNP Type available(MMBT2907A)
MARKING: 1P
/
W1P
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
75
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current -Continuous
600
mA
PC
Collector Dissipation
300
mW
RΘJA
Thermal Resistance, Junction to Ambient
417
℃/W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature
-55
~+150
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC= 10μA, IE=0
75
V
Collector-emitter breakdown voltage
V(BR)CEO
*
IC= 10mA, IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA, IC=0
6
V
Collector cut-off current
ICBO
VCB=60V, IE=0
0.01
μA
Collector cut-off current
ICEX
VCE=30V,VBE(off)=3V
0.01
μA
Emitter cut-off current
IEBO
VEB= 3V, IC=0
0.1
μA
hFE(1)
*
VCE=10V, IC= 150mA
100
300
hFE(2)
VCE=10V, IC= 0.1mA
40
DC current gain
hFE(3)
*
VCE=10V, IC= 500mA
42
Collector-emitter saturation voltage
VCE(sat)
*
IC=500 mA, IB= 50mA
IC=150 mA, IB=15mA
1
0.3
V
Base-emitter saturation voltage
VBE(sat)
*
IC=500 mA, IB= 50mA
IC=150 mA, IB=15mA
2.0
1.2
V
Transition frequency
fT
VCE=20V, IC= 20mA,
f=100MHz
300
MHz
Delay time
td
10
n
s
Rise time
tr
VCC=30V, VBE(off)=-0.5V
IC=150mA , IB1= 15mA
25
n
s
Storage time
tS
225
n
s
Fall time
tf
VCC=30V, IC=150mA
IB1=-IB2=15mA
60
n
s
*pulse test: Pulse Width ≤300μs, Duty Cycle≤ 2.0%.
SOT-23
1. BASE
2.EMITTER
3.COLLECTOR
B,Nov,2011
℃
MAKO SEMICONDUCTOR CO.,LIMITED


Similar Part No. - MMBT2222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBT2222 PHILIPS-MMBT2222 Datasheet
47Kb / 8P
NPN switching transistor
2000 Apr 11
logo
Samsung semiconductor
MMBT2222 SAMSUNG-MMBT2222 Datasheet
67Kb / 2P
NPN (GENERAL PURPOSE TRANSISTOR)
logo
Diotec Semiconductor
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Weitron Technology
MMBT2222 WEITRON-MMBT2222 Datasheet
367Kb / 6P
NPN General Purpose Transistors
logo
Fairchild Semiconductor
MMBT2222 FAIRCHILD-MMBT2222 Datasheet
49Kb / 4P
NPN General Purpose Amplifier
More results

Similar Description - MMBT2222

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPLS160-7 DIODES-DPLS160-7 Datasheet
171Kb / 4P
Epitaxial Planar Die Construction
Rev 4
logo
Bruckewell Technology L...
DTAXXXXCA_R1 BWTECH-DTAXXXXCA_R1 Datasheet
478Kb / 6P
Epitaxial planar die construction.
logo
MAKO SEMICONDUCTOR CO.,...
MMBT2369 MAKOSEMI-MMBT2369 Datasheet
65Kb / 1P
Epitaxial planar die construction.
MMBT2907 MAKOSEMI-MMBT2907 Datasheet
119Kb / 2P
Epitaxial planar die construction.
logo
Yea Shin Technology Co....
MMBT3904DW YEASHIN-MMBT3904DW Datasheet
831Kb / 3P
Epitaxial planar die construction
logo
Shenzhen Luguang Electr...
MMBT2222A LUGUANG-MMBT2222A Datasheet
2Mb / 3P
Epitaxial planar die construction
logo
SHIKUES Electronics
MMDT5401 SKTECHNOLGY-MMDT5401 Datasheet
853Kb / 3P
Epitaxial Planar Die Construction
MMDT5551 SKTECHNOLGY-MMDT5551 Datasheet
772Kb / 3P
Epitaxial Planar Die Construction
logo
Shanghai Leiditech Elec...
MMBT2222A LEIDITECH-MMBT2222A Datasheet
1Mb / 5P
Epitaxial planar die construction
MMBT2907A LEIDITECH-MMBT2907A Datasheet
563Kb / 4P
Epitaxial planar die construction
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com