Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2222 Datasheet(PDF) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # MMBT2222
Description  Epitaxial planar die construction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

MMBT2222 Datasheet(HTML) 2 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  MMBT2222 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED MMBT2222 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1
10
1
10
100
0.1
1
10
100
0
100
200
300
400
500
0.0
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
0
25
50
75
100
125
150
0
100
200
300
400
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
02
468
10
12
0.00
0.05
0.10
0.15
0.20
0.25
1
10
100
0.0
0.4
0.8
1.2
f=1MHz
I
E=0/ IC=0
T
a=25
℃
20
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
COMMON EMITTER
V
CE=10V
600
I
C
T
a=25
℃
T
a=100
℃
COLLECTOR CURRENT I
C
(mA)
100
10
MMBT2222A
Typical Characterisitics
V
BE
I
C
——
COMMON EMITTER
V
CE=10V
600
T
a=100
℃
T
a=25
℃
BASE-EMMITER VOLTAGE V
BE (V)
P
c
——
T
a
AMBIENT TEMPERATURE Ta ( )
℃
h
FE
——
600
β=10
T
a=100
℃
T
a=25
℃
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
Static Characteristic
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA
I
B=0.1mA
COMMON EMITTER
T
a=25
℃
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
600
β=10
I
C
V
BEsat
——
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
80
500
I
C
f
T
——
COMMON EMITTER
V
CE=20V
f=200MHz
Ta=25℃
COLLECTOR CURRENT I
C
(mA)
B,Nov,2011
MAKO SEMICONDUCTOR CO.,LIMITED



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com