Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6N95 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MS6N95
Description  950V N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS6N95 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MS6N95 Datasheet HTML 1Page - Bruckewell Technology LTD MS6N95 Datasheet HTML 2Page - Bruckewell Technology LTD MS6N95 Datasheet HTML 3Page - Bruckewell Technology LTD MS6N95 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MS6N95
950V N-Channel MOSFET
Publication Order Number: [MS6N95]
© Bruckewell Technology Corporation Rev. A -2014
Switching Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
td(on)
Turn-On Time
VDS = 450 V, ID = 6 A,
RG = 25 Ω
--
50
--
ns
tr
Turn-On Rise Time
--
100
--
ns
td(off)
Turn-Off Delay Time
--
50
--
ns
tf
Turn-Off Fall Time
--
60
--
ns
Qg
Total Gate Charge
VDS = 720 V, ID = 6 A,
VGS = 10 V
--
33
--
nC
Qgs
Gate-Source Charge
--
10
--
nC
Qgd
Gate-Drain Charge
--
13
--
nC
Source-Drain Diode Maximum Ratings and Characteristics
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
IS
Continuous Source-Drain Diode Forward Current
--
--
6.0
A
ISM
ISM Pulsed Source-Drain Diode Forward Current
--
--
24.0
VSD
Source-Drain Diode Forward Voltage
IS = 6 A , VGS = 0 V
--
--
1.4
V
Trr
Reverse Recovery Time
IS = 6 A , VGS = 0 V
diF/dt=100A/μs
--
0.65
--
ns
Qrr
Reverse Recovery Charge
--
7.0
--
μC
Notes:
1. Repeativity rating : pulse width limited by junction temperature
2. L = 34.0mH, IAS =6.0A, VDD = 50V, RG = 25Ω , Starting TJ = 25°C
3. ISD ≤ 6.0A, di/dt ≤ 200A/us, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse Width ≤ 300us, Duty Cycle ≤ 2%
5. Essentially independent of operating temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com