Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS6N95 Datasheet (PDF) - Bruckewell Technology LTD

MS6N95 Datasheet PDF - Bruckewell Technology LTD
Part # MS6N95
Download  MS6N95 Download
File Size   541.62 Kbytes
Page   4 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 950V N-Channel MOSFET

MS6N95 Datasheet (PDF)

Go To PDF Page Download Datasheet
MS6N95 Datasheet PDF - Bruckewell Technology LTD

Part # MS6N95
Download  MS6N95 Click to download

File Size   541.62 Kbytes
Page   4 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 950V N-Channel MOSFET

MS6N95 Datasheet (HTML) - Bruckewell Technology LTD




Similar Part No. - MS6N95

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS6N90 BWTECH-MS6N90 Datasheet
1Mb / 8P
900V N-Channel MOSFET
More results


Similar Description - MS6N95

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N95 UTC-9N95 Datasheet
263Kb / 6P
9A, 950V N-CHANNEL POWER MOSFET
logo
Infineon Technologies A...
IPA95R310PFD7 INFINEON-IPA95R310PFD7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª PFD7 SJ Power Device
Rev. 2.1, 2022-04-22
IPB95R450PFD7 INFINEON-IPB95R450PFD7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª PFD7 SJ Power Device
Rev. 2.1, 2022-04-22
IPA95R1K2P7 INFINEON-IPA95R1K2P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.3, 2020-01-30
IPA95R750P7 INFINEON-IPA95R750P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.3, 2020-01-31
IPD95R450P7 INFINEON-IPD95R450P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.2, 2022-01-12
IPD95R750P7 INFINEON-IPD95R750P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.3, 2022-01-12
IPN95R1K2P7 INFINEON-IPN95R1K2P7 Datasheet
1Mb / 14P
MOSFET 950V CoolMOSª P7 SJ Power Device
Rev. 2.0, 2018-06-01
logo
VBsemi Electronics Co.,...
VBM195R06 VBSEMI-VBM195R06 Datasheet
983Kb / 11P
N-Channel 950V (D-S ) Super Junction Power MOSFET
VBM195R09 VBSEMI-VBM195R09 Datasheet
983Kb / 11P
N-Channel 950V (D-S ) Super Junction Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com