Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9N95 Datasheet (PDF) - Unisonic Technologies

9N95 Datasheet PDF - Unisonic Technologies
Part # 9N95
Download  9N95 Download
File Size   263.88 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 9A, 950V N-CHANNEL POWER MOSFET

9N95 Datasheet (PDF)

Go To PDF Page Download Datasheet
9N95 Datasheet PDF - Unisonic Technologies

Part # 9N95
Download  9N95 Click to download

File Size   263.88 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 9A, 950V N-CHANNEL POWER MOSFET

9N95 Datasheet (HTML) - Unisonic Technologies


9N95 Product details

DESCRIPTION
The UTC 9N95 uses UTC’s advanced proprietary, planar stripe, DMOS technology to provide excellent RDS(ON), low gate charge and operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications.

FEATURES
* RDS(ON) < 1.4 Ω @ VGS = 10V, ID = 4.5A
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness




Similar Part No. - 9N95

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N95G-T47-T UTC-9N95G-T47-T Datasheet
263Kb / 6P
N-CHANNEL POWER MOSFET
9N95L-T47-T UTC-9N95L-T47-T Datasheet
263Kb / 6P
N-CHANNEL POWER MOSFET
9N95 UTC-9N95_15 Datasheet
263Kb / 6P
N-CHANNEL POWER MOSFET
More results


Similar Description - 9N95

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
9N40 UTC-9N40 Datasheet
158Kb / 4P
9A, 400V N-CHANNEL POWER MOSFET
9N50 UTC-9N50 Datasheet
180Kb / 6P
9A, 500V N-CHANNEL POWER MOSFET
9N65 UTC-9N65 Datasheet
177Kb / 5P
9A, 650V N-CHANNEL POWER MOSFET
9N70 UTC-9N70 Datasheet
147Kb / 3P
9A, 700V N-CHANNEL POWER MOSFET
9N80_1112 UTC-9N80_1112 Datasheet
203Kb / 5P
9A, 800V N-CHANNEL POWER MOSFET
9N90_1112 UTC-9N90_1112 Datasheet
255Kb / 6P
9A, 900V N-CHANNEL POWER MOSFET
9N100 UTC-9N100 Datasheet
184Kb / 5P
9A, 1000V N-CHANNEL POWER MOSFET
UF630 UTC-UF630_11 Datasheet
389Kb / 7P
200V, 9A N-CHANNEL POWER MOSFET
logo
Bruckewell Technology L...
MS6N95 BWTECH-MS6N95 Datasheet
541Kb / 4P
950V N-Channel MOSFET
logo
First Silicon Co., Ltd
BRI630 FS-BRI630 Datasheet
600Kb / 4P
N-Channel Power MOSFET (200V/9A)
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com