Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS9N90 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MS9N90
Description  900V N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS9N90 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MS9N90 Datasheet HTML 1Page - Bruckewell Technology LTD MS9N90 Datasheet HTML 2Page - Bruckewell Technology LTD MS9N90 Datasheet HTML 3Page - Bruckewell Technology LTD MS9N90 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MS9N90
900V N-Channel MOSFET
Publication Order Number: [MS12N60]
© Bruckewell Technology Corporation Rev. A -2014
Description
The MS9N90 is a N-channel enhancement-mode
MOSFET, providing the designer with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost effectiveness. The TO-220
package is universally preferred for all
commercial-industrial applications
Features
• RDS(on) (Max 1.4 Ω )@VGS=10V
• Gate Charge (Typical 47nC)
• Improved dv/dt Capability, High Ruggedness
• 100% Avalanche Tested
• Maximum Junction Temperature Range (150°C)
• RoHS compliant package
Application
• Adapter
• Switching Mode Power Supply
Packing & Order Information
50/Tube ; 1,000/Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
900
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current -Continuous (TC=25°C)
9
A
Drain Current -Continuous (TC=100°C)
6
A
IDM
Drain Current -Pulsed
36
A
EAS
Single Pulsed Avalanche Energy
900
mJ
EAR
Repetitive Avalanche Energy
28
mJ
dV/dt
Peak Diode Recovery dV/dt
4.0
V/ns
PD
Power Dissipation (TC=25°C)
280
W
- Derate above 25C
2.22
W/°C
TJ/TSTG
Operating Junction and Storage Temperature
-55 to +150
°C


Similar Part No. - MS9N90

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MS9N20E BWTECH-MS9N20E Datasheet
661Kb / 6P
Dual N-Channel 20-V (D-S) MOSFET
More results

Similar Description - MS9N90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
900V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM2N90 KERSEMI-KSM2N90 Datasheet
1Mb / 7P
900V N-CHANNEL MOSFET
KSMB2N90 KERSEMI-KSMB2N90 Datasheet
1Mb / 8P
900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N90Z SEMIHOW-HFH10N90Z Datasheet
250Kb / 10P
900V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR2N90BPG FOSTER-FIR2N90BPG Datasheet
3Mb / 9P
900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
900V N-Channel MOSFET
SLW9N90C MAPLESMI-SLW9N90C Datasheet
173Kb / 6P
900V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com