Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS13P21 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MS13P21
Description  P-Channel 20-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS13P21 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MS13P21 Datasheet HTML 1Page - Bruckewell Technology LTD MS13P21 Datasheet HTML 2Page - Bruckewell Technology LTD MS13P21 Datasheet HTML 3Page - Bruckewell Technology LTD MS13P21 Datasheet HTML 4Page - Bruckewell Technology LTD MS13P21 Datasheet HTML 5Page - Bruckewell Technology LTD MS13P21 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MS13P21
P-Channel 20-V (D-S) MOSFET
Publication Order Number: [MS13P21]
© Bruckewell Technology Corporation Rev. A -2014
Description
These miniature surface mount MOSFETs utilize a high
cell density trench process to provide low rDS(on) and to
ensure minimal power loss and heat dissipation. Typical
applications are DC-DC converters and power
management in portable and battery-powered products
such as computers, printers, PCMCIA cards, cellular and
cordless telephones.
Features
• Low rDS(on) provides higher efficiency and extends
battery life
• Low thermal impedance copper leadframe SC70-3
saves board space
• Fast switching speed
• High performance trench technology
• RoHS compliant package
Packing & Order Information
3,000/Reel
Graphic symbol


Similar Part No. - MS13P21

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
MS13 KISEMICONDUCTOR-MS13 Datasheet
5Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIER
logo
EMP-Centauri s.r.o.
MS1310ECP-4 EMP-CENTAURI-MS1310ECP-4 Datasheet
529Kb / 1P
Multiswitch 13in / 10out
MS1310ECU-4 EMP-CENTAURI-MS1310ECU-4 Datasheet
185Kb / 2P
Multiswitch 13in / 10out
MS1310NEU-4 EMP-CENTAURI-MS1310NEU-4 Datasheet
550Kb / 1P
EoC Multiswitch 13in / 10out
MS1312ECP-12 EMP-CENTAURI-MS1312ECP-12 Datasheet
574Kb / 1P
Multiswitch 13in / 12out
More results

Similar Description - MS13P21

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com