Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2161 Datasheet(PDF) 2 Page - Analog Devices

Part # SSM2161
Description  6 and 4 Channel, Clickless Serial Input Balance/Master Volume Controls
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2161 Datasheet(HTML) 2 Page - Analog Devices

  SSM2161 Datasheet HTML 1Page - Analog Devices SSM2161 Datasheet HTML 2Page - Analog Devices SSM2161 Datasheet HTML 3Page - Analog Devices SSM2161 Datasheet HTML 4Page - Analog Devices SSM2161 Datasheet HTML 5Page - Analog Devices SSM2161 Datasheet HTML 6Page - Analog Devices SSM2161 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSM2160/SSM2161–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Units
AUDIO PERFORMANCE
Noise
VIN = GND, 20 kHz Bandwidth
–100
dBu
Headroom
Clip Point = 1% THD+N
+10
dBu
Total Harmonic Distortion Plus Noise
2nd and 3rd Harmonics Only
AV = 0 dB
0.008
TBD
%
AV = –10 dB
0.02
TBD
%
Channel Separation
Any Channel to Another
80
dB
ANALOG INPUT
Input Offset Voltage
10
mV
Input Impedance
10
k
Ω
GAIN CONTROL ELEMENTS
Default Step Size – Master
AVMASTER = 0 dB to –60 dB
1.0
dB
Default Step Size – Channel
AVCHANNEL = 0 dB to +20 dB
1.0
dB
Gain Error
Relative to Same Channel
AVMASTER = 0 dB
0.25
dB
AVMASTER = –20 dB
0.25
dB
AVMASTER = –40 dB
1
dB
AVMASTER = –60 dB
2
dB
Gain Match Error
Channel-to-Channel; Same Level Setting
AVMASTER = 0 dB
0.25
dB
AVMASTER = –20 dB
0.25
dB
AVMASTER = –20 dB, AVCH = +20 dB
0.25
dB
AVMASTER = –40 dB
1
dB
AVMASTER = –60 dB
2
dB
Power On Mute Attenuation
VIN = +10 dBu
–100
dB
ANALOG OUTPUT
Output Impedance
5
Ω
Mute Output Impedance
5
Ω
Output Current
±2mA
Minimum Resistive Load Drive
1
k
Ω
Maximum Capacitive Drive
TBD
pF
Offset Voltage
Channel Muted
10
mV
CONTROL SECTION
Logic Input LO
0.8
V
Logic Input HI
2.0
V
Logic Input Current
Logic LO or HI
1
µA
Clock Frequency
1
2000
kHz
Timing Characteristics
See Timing Diagram
ANALOG COMMON OUTPUT
Output Voltage
See Note 1
–5
+5
%
Output Impedance
5.0
Ω
POWER SUPPLIES
Supply Voltage Range
Dual Supply
±4
±15
V
Single Supply
+8
+15
V
Supply Current
Positive
17
28
mA
Negative
17
28
mA
Power Supply Rejection Ratio
Dual Supply
TBD
dB
NOTES
1Analog Common Output is used in single supply applications. It is nominally half the voltage between V+ and V–, e.g.,
V
+ – (V– )
2
.
Specifications subject to change without notice.
(VS =
5 V, AV = 0 dB, 0 dBu = 0.775 V rms, VIN = 0 dBu, fAUDIO = 1 kHz, fCLK = 250 kHz, RL = 10 k ,
–40 C < TA < +85 C, unless otherwise noted. Typical specifications apply at TA = +25 C.)
REV. A
– 2 –
OBSOLETE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com