Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2161 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2161
Description  6 and 4 Channel, Clickless Serial Input Balance/Master Volume Controls
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2161 Datasheet(HTML) 3 Page - Analog Devices

  SSM2161 Datasheet HTML 1Page - Analog Devices SSM2161 Datasheet HTML 2Page - Analog Devices SSM2161 Datasheet HTML 3Page - Analog Devices SSM2161 Datasheet HTML 4Page - Analog Devices SSM2161 Datasheet HTML 5Page - Analog Devices SSM2161 Datasheet HTML 6Page - Analog Devices SSM2161 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SSM2160/SSM2161
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage
Dual Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Single Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+18 V
Analog Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Analog Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Operating Temperature Range . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . +150°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . . +300
°C
THERMAL CHARACTERISTICS
Thermal Resistance
2
24-Pin Plastic DIP (SSM2160)
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
°C/W
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
°C/W
24-Pin SOIC (SSM2160)
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
°C/W
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
°C/W
20-Pin Plastic DIP (SSM2161)
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
°C/W
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
°C/W
20-Pin SOIC (SSM2161)
θ
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
°C/W
θ
JC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
°C/W
ESD RATINGS
883 (Human Body) Model . . . . . . . . . . . . . . . . . . . . . TBD kV
EIAJ Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .TBD V
NOTES
1Stresses above those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operation
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2
θ
JA is specified for worst-case conditions, i.e., θJA is specified for device in socket
for P-DIP and device soldered in circuit board for SOIC package.
PIN CONFIGURATIONS
24-Lead Epoxy DIP and SOIC
13
16
15
14
24
23
22
21
20
19
18
17
TOP VIEW
(Not to Scale)
12
11
10
9
8
1
2
3
4
7
6
5
SSM2160
V+
VOUT2
MSTR SET
MSTR OUT
CH SET
AGND
ACOM
VOUT1
VIN4
VOUT4
VIN2
VIN1
VOUT3
VIN3
VOUT5
VIN5
WRITE
DATA
VIN6
VOUT6
LD
V–
CLK
DGND
20-Lead Epoxy DIP and SOIC
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
SSM2161
V+
VOUT2
MSTR SET
MSTR OUT
CH SET
AGND
ACOM
VOUT1
VIN4
VOUT4
VIN2
VIN1
VOUT3
VIN3
WRITE
LD
V–
DGND
CLK
DATA
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the SSM2160/SSM2161 features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Model
Temperature Range Package Option
SSM2160P
–40
°C to +85°C
24-Lead Plastic DIP
SSM2160S
–40
°C to +85°C
24-Lead SOL
SSM2160S-REEL –40
°C to +85°C
24-Lead SOL
SSM2161P
–40
°C to +85°C
20-Lead Plastic DIP
SSM2161S
–40
°C to +85°C
20-Lead SOL
SSM2161S-REEL –40
°C to +85°C
20-Lead SOL
OBSOLETE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com