Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT6116LA55DB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT6116LA55DB
Description  CMOS STATIC RAM 16K (2K x 8 BIT)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT6116LA55DB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT6116LA55DB Datasheet HTML 1Page - Integrated Device Technology IDT6116LA55DB Datasheet HTML 2Page - Integrated Device Technology IDT6116LA55DB Datasheet HTML 3Page - Integrated Device Technology IDT6116LA55DB Datasheet HTML 4Page - Integrated Device Technology IDT6116LA55DB Datasheet HTML 5Page - Integrated Device Technology IDT6116LA55DB Datasheet HTML 6Page - Integrated Device Technology IDT6116LA55DB Datasheet HTML 7Page - Integrated Device Technology IDT6116LA55DB Datasheet HTML 8Page - Integrated Device Technology IDT6116LA55DB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2000 Integrated Device Technology, Inc.
FEBRUARY 2001
DSC-3089/03
1
Features
x
x
x
x
x
High-speed access and chip select times
– Military: 20/25/35/45/55/70/90/120/150ns (max.)
– Industrial: 20/25/35/45ns (max.)
– Commercial: 15/20/25/35/45ns (max.)
x
x
x
x
x
Low-power consumption
x
x
x
x
x
Battery backup operation
– 2V data retention voltage (LA version only)
x
x
x
x
x
Produced with advanced CMOS high-performance
technology
x
x
x
x
x
CMOS process virtually eliminates alpha particle soft-error
rates
x
x
x
x
x
Input and output directly TTL-compatible
x
x
x
x
x
Static operation: no clocks or refresh required
x
x
x
x
x
Available in ceramic and plastic 24-pin DIP, 24-pin Thin Dip,
24-pin SOIC and 24-pin SOJ
x
x
x
x
x
Military product compliant to MIL-STD-833, Class B
Description
The IDT6116SA/LA is a 16,384-bit high-speed static RAM
organized as 2K x 8. It is fabricated using IDT's high-performance,
high-reliability CMOS technology.
Access times as fast as 15ns are available. The circuit also offers a
reduced power standby mode. When
CS goes HIGH, the circuit will
automatically go to, and remain in, a standby power mode, as long
as
CS remains HIGH. This capability provides significant system level
power and cooling savings. The low-power (LA) version also offers a
battery backup data retention capability where the circuit typically
consumes only 1µW to 4µW operating off a 2V battery.
AllinputsandoutputsoftheIDT6116SA/LAareTTL-compatible.Fully
static asynchronous circuitry is used, requiring no clocks or refreshing
for operation.
The IDT6116SA/LA is packaged in 24-pin 600 and 300 mil plastic or
ceramic DIP, 24-lead gull-wing SOIC, and 24-lead J-bend SOJ providing
high board-level packing densities.
Military grade product is manufactured in compliance to the latest
version of MIL-STD-883, Class B, making it ideally suited to military
temperatureapplicationsdemandingthehighestlevelofperformanceand
reliability.
Functional Block Diagram
CS
A 0
A 10
I/O 0
I/O 7
OE
WE
128 X 128
MEMORY
ARRAY
I/O CONTROL
ADDRESS
DECODER
INPUT
DATA
CIRCUIT
CONTROL
CIRCUIT
GND
3089 drw 01
VCC
,
CMOS Static RAM
16K (2K x 8-Bit)
IDT6116SA
IDT6116LA


Similar Part No. - IDT6116LA55DB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT6116SA IDT-IDT6116SA_14 Datasheet
87Kb / 11P
High-speed access and chip select times
More results

Similar Description - IDT6116LA55DB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5116 SHARP-LH5116 Datasheet
87Kb / 10P
CMOS 16K (2K x 8) Static RAM
LH5116S SHARP-LH5116S Datasheet
58Kb / 7P
CMOS 16K (2K x 8) Static RAM
logo
Winbond
W24129A WINBOND-W24129A Datasheet
199Kb / 9P
16K X 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Intersil Corporation
HM-65162 INTERSIL-HM-65162 Datasheet
42Kb / 7P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
Cypress Semiconductor
CY6116A CYPRESS-CY6116A Datasheet
466Kb / 9P
2K x 8 Static RAM
Monday, November 8, 1993
CY7C128A CYPRESS-CY7C128A Datasheet
217Kb / 9P
2K x 8 Static RAM
logo
Intersil Corporation
HM-65162883 INTERSIL-HM-65162883 Datasheet
213Kb / 9P
2K x 8 Asynchronous CMOS Static RAM
March 1997
logo
List of Unclassifed Man...
SRM2017C ETC1-SRM2017C Datasheet
336Kb / 6P
CMOS 16K-BIT STATIC RAM
logo
Cypress Semiconductor
CY7C128A CYPRESS-CY7C128A_06 Datasheet
270Kb / 9P
2K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com