Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2005 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2005
Description  Circle Surround 5-Channel Soundfield Generator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2005 Datasheet(HTML) 1 Page - Analog Devices

  SSM2005 Datasheet HTML 1Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Analog Devices assumes no obligation regarding future manufacture unless otherwise agreed to in writing.
To obtain the most recent version or complete data sheet, call our fax retrieval system at 1-800-446-6212 or visit our World Wide Web site at http://www.analog.com.
1
PRELIMINAR
Y
TECHNICAL
DA
TA
a
Circle Surround 5-Channel
Soundfield Generator
SSM2005
FEATURES
Generates True 5-Channel Soundfield
No Pre-Encoding Required—Only Stereo L and R
Excellent Surround Image At All Positions
Superior Sound in Automobiles
Distinct Left Rear vs. Right Rear, Full Bass Response
No Delay Required—Natural Ambiance Preserved
4 or 5 Speaker Operation
Full Bandwidth on All Channels
Optimized for Music Reproduction
Superior Decoding of Dolby* Surround Material
Excellent Decoding of "Pre-Encoded" Sources
Usable in Home Theater and Video Games
+7 V to +20 V Operation
GENERAL DESCRIPTION
The SSM2005 Circle Surround† 5-Channel Soundfield Genera-
tor produces a true 5-channel surround soundfield using only
standard unencoded left/right stereo sources. Left front, right
front, center, and differentiated left and right rear channels are
generated providing a realistic ambiance effect with either 4 or 5
speaker configurations. Unlike previous designs, Circle Sur-
round is optimized for music reproduction with full bandwidth
on all channels and proper separation of the front channels. The
differentiated rear channels provide excellent imaging, especially
in automotive applications. Listener position is not critical; well-
balanced sound is obtained anywhere within the soundfield.
The Circle Surround process does not require the audio
signal to be encoded, as it uses the ambiance and directional in-
formation already present in the original media to generate the
multidimensional effects. Circle Surround does not add any ar-
*Dolby is a registered trademark of Dolby Laboratories, Inc.
†Circle Surround is a registered trademark of Rocktron Corporation and
is protected by patents granted and applied for.
REV. 0
tificial ambiance or reverberation, nor does it require any delay
generators. The fully differentiated rear channels provide rear
stereo separation for enhanced spacial perception while main-
taining full bass response, especially important in automotive
applications.
CIRCLE SURROUND SYSTEM BLOCK DIAGRAM
OUTPUT
MATRIX
VCSs
& SWITCHING
STEERING
SIGNAL
GENERATOR
REFERENCE
GENERATOR
LH
RH
LL
RL
F
B
CROSSOVER
LIN
RIN
LF
RF
C
LR
LR
R
L
L+R
L–R
INPUT
MATRIX
CONTROL
LOGIC
VSS
VDD
VCC
STEREO/
SURROUND
CENTER
PHANTOM
REAR
STEERING
WIDE/NORMAL
TIME
CONSTANTS
(DOTTED BOX = EXTERNAL TO IC)
SSM2005
NOISE
SOURCE AND
SEQUENCER
OBSOLETE


Similar Part No. - SSM2005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2005 AD-SSM2005 Datasheet
126Kb / 15P
Decoder 5.1-Channel Soundfield Generator
REV.0
SSM2005RS-REEL AD-SSM2005RS-REEL Datasheet
126Kb / 15P
Decoder 5.1-Channel Soundfield Generator
REV.0
More results

Similar Description - SSM2005

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
QS7785PF NPC-QS7785PF Datasheet
185Kb / 15P
3D 2/4-Channel Stereo Surround Synthesizer
logo
Wolfson Microelectronic...
WM9704Q WOLFSON-WM9704Q Datasheet
271Kb / 35P
4-Channel Surround Sound Codec
logo
Sony Corporation
CXA1673M SONY-CXA1673M Datasheet
133Kb / 8P
2 CHANNEL SURROUND
logo
Analog Devices
SSM2005 AD-SSM2005 Datasheet
126Kb / 15P
Decoder 5.1-Channel Soundfield Generator
REV.0
logo
YAMAHA CORPORATION
YM7128B YAMAHA-YM7128B Datasheet
975Kb / 9P
Surround Processor
logo
Renesas Technology Corp
R2A15908SP RENESAS-R2A15908SP Datasheet
497Kb / 14P
5 Input Selector 2ch Electronic Volume with Tone & Surround
logo
Agamem Microelectronic ...
AA8334 AGAMEM-AA8334 Datasheet
242Kb / 9P
SURROUND PROCESSOR
logo
Texas Instruments
CDCE62005 TI1-CDCE62005 Datasheet
2Mb / 85P
3:5 Clock Generator
logo
Mallory performance clu...
PN6014CT MALLORY-PN6014CT Datasheet
1Mb / 8P
MSD Circle Track LS Ignition Control
PN6427 MALLORY-PN6427 Datasheet
341Kb / 12P
MSD Circle Track Ignition
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com