Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD40P03 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MSD40P03
Description  P-Channel 30-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSD40P03 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MSD40P03 Datasheet HTML 1Page - Bruckewell Technology LTD MSD40P03 Datasheet HTML 2Page - Bruckewell Technology LTD MSD40P03 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary MSD40P03
P-Channel 30-V (D-S) MOSFET
Publication Order Number: [MSD40P03]
© Bruckewell Technology Corporation Rev. A -2014
Description
These miniature surface mount MOSFETs utilize a high
cell density trench process to provide low rDS(on) and to
ensure minimal power loss and heat dissipation. Typical
applications are DC-DC converters and power
management in portable and battery-powered products
such as computers, printers, PCMCIA cards, cellular and
cordless telephones.
Features
• Low rDS(on) provides higher efficiency and
• Extends battery life
• Low thermal impedance copper lead frame
• TO-252 saves board space
• Fast switching speed
• High performance trench technology
• RoHS compliant package
Packing & Order Information
Part No./ T:2,500/Reel
Part No./ R:80/Tube , 4,000/Box
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (Tc=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±25
V
ID
Continuous Drain Current @ TC=25°C
41
A
IDM*1
Pulsed Drain Current
±40
A
IS
Continuous Source Current (Diode Conduction)
-30
A


Similar Part No. - MSD40P03

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MSD40NBT LSTD-MSD40NBT Datasheet
1Mb / 34P
Added PCM defaults
More results

Similar Description - MSD40P03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com