Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSD40P03 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MSD40P03
Description  P-Channel 30-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MSD40P03 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MSD40P03 Datasheet HTML 1Page - Bruckewell Technology LTD MSD40P03 Datasheet HTML 2Page - Bruckewell Technology LTD MSD40P03 Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary MSD40P03
P-Channel 30-V (D-S) MOSFET
Publication Order Number: [MSD40P03]
© Bruckewell Technology Corporation Rev. A -2014
Absolute Maximum Ratings (Tc=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
PD
Power Dissipation (TC=25°C)
50
W
TJ/TSTG
Operating Junction and Storage Temperature
-55 to +175
°C
Note:
1. Surface Mounted on 1” x 1” FR4 Board.
2. D
uty cycle≤1%
Thermal Characteristics (Tc=25°C unless otherwise noted)
Symbol
Parameter
Maximum
Units
Rthjc
Typical thermal resistance
3.0
°C/W
RθJA
Typical thermal resistance
50
Static Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
VGS
VDS = VGS, ID = 250μA
-1.0
--
--
V
*RDS(ON)
VGS = -10 V , ID = -20.5 A
VGS = -4.5 V , ID = 15.5 A
--
--
20
33
m
Ω
IDSS
VDS = 24 V , VGS = 0 V
VDS = 24 V , VGS = 0 V , Tj = 55°C
--
--
-1
-5
uA
ID(ON)
VDS = -5 V, VGS = -10 V
-41
--
--
A
IGSS
VDS = 0 V , VGS = ±20 V
--
--
±100
nA
Dynamic Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
td(on)
VDD= -15 V, ID = -41 A,
RG = 6 Ω , VGEN = -10 V
RL = 15 Ω
--
15
--
ns
tr
--
12
--
ns
td(off)
--
62
--
ns
tf
--
46
--
ns
Gfs
VDS = -15 V , ID = -20.5 A
--
31
--
S
Qg
VDS = -15 V , ID = -21 A,
VGS = -4.5 V
--
15.3
--
nC
Qgs
--
5.2
--
nC
Qgd
--
5.8
--
nC
Dynamic Characteristics
Symbol
Test Conditions
Min
Typ.
Max.
Units
VSD
IS = -41 A, VGS = 0 V
--
-0.7
--
V
*Pulse Test : Pulse Width ≤300μs, Duty Cycle≤2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com