Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD548 Datasheet(PDF) 1 Page - Analog Devices

Part # AD548
Description  Precision, Low Power BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD548 Datasheet(HTML) 1 Page - Analog Devices

  AD548 Datasheet HTML 1Page - Analog Devices AD548 Datasheet HTML 2Page - Analog Devices AD548 Datasheet HTML 3Page - Analog Devices AD548 Datasheet HTML 4Page - Analog Devices AD548 Datasheet HTML 5Page - Analog Devices AD548 Datasheet HTML 6Page - Analog Devices AD548 Datasheet HTML 7Page - Analog Devices AD548 Datasheet HTML 8Page - Analog Devices AD548 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
a
AD548
Precision, Low Power
BiFET Op Amp
FEATURES
Enhanced Replacement for LF441 and TL061
DC Performance:
200
A max Quiescent Current
10 pA max Bias Current, Warmed Up (AD548C)
250
V max Offset Voltage (AD548C)
2
V/ C max Drift (AD548C)
2
V p-p Noise, 0.1 Hz to 10 Hz
AC Performance:
1.8 V/ s Slew Rate
1 MHz Unity Gain Bandwidth
Available in Plastic and Hermetic Metal Can Packages
and in Chip Form
Available in Tape and Reel in Accordance with
EIA-481A Standard
MIL-STD-883B Parts Available
Dual Version Available: AD648
Surface-Mount (SOIC) Package Available
PRODUCT DESCRIPTION
The AD548 is a low power, precision monolithic operational
amplifier. It offers both low bias current (10 pA max, warmed
up) and low quiescent current (200
µA max) and is fabricated
with ion-implanted FET and laser wafer trimming technologies.
Input bias current is guaranteed over the AD548’s entire
common-mode voltage range.
The economical J grade has a maximum guaranteed input offset
voltage of less than 2 mV and an input offset voltage drift of less
than 20
µV/°C. This level of dc precision is achieved utilizing
Analog’s laser wafer drift trimming process. The combination of
low quiescent current and low offset voltage drift minimizes
changes in input offset voltage due to self-heating effects.
The AD548 is recommended for any dual supply op amp applica-
tion requiring low power and excellent dc and ac performance.
In applications such as battery-powered, precision instrument
front ends and CMOS DAC buffers, the AD548’s excellent com-
bination of low input offset voltage and drift, low bias current,
and low 1/f noise reduces output errors. High common-mode
rejection (82 dB, min on the “B” grade) and high open-loop
gain ensures better than 12-bit linearity in high impedance,
buffer applications.
The AD548 is pinned out in a standard op amp configuration
and is available in three performance grades. The AD548J and
AD548K are rated over the commercial temperature range of
0
°C to 70°C. The AD548B is rated over the industrial tempera-
ture range of –40
°C to +85°C.
The AD548 is available in an 8-lead plastic mini-DIP and
surface-mount (SOIC) packages.
PRODUCT HIGHLIGHTS
1. A combination of low supply current, excellent dc and ac
performance and low drift makes the AD548 the ideal op
amp for high performance, low power applications.
2. The AD548 is pin compatible with industry standard op
amps such as the LF441, TL061, and AD542, enabling
designers to improve performance while achieving a reduction
in power dissipation of up to 85%.
3. Guaranteed low input offset voltage (2 mV max) and drift
(20
µV/°C max) for the AD548J are achieved utilizing
Analog Devices’ laser drift trimming technology, eliminating
the need for external trimming.
4. Analog Devices specifies each device in the warmed-up
condition, insuring that the device will meet its published
specifications in actual use.
5. A dual version, the AD648, is also available.
6. Enhanced replacement for LF441 and TL061.
CONNECTION DIAGRAMS
Plastic Mini-DIP (N) Package
and
SOIC (R)Package
NOTE: PIN 4 CONNECTED TO CASE
NC = NO CONNECT
1
2
3
4
8
7
6
5
AD548
OFFSET NULL
V+
OUTPUT
NC
INVERTING
INPUT
V–
OFFSET
NULL
TOP VIEW
NONINVERTING
INPUT
1
4
5
VOS TRIM
TOP VIEW
–15V
10k
REV. D
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002


Similar Part No. - AD548

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD548 AD-AD548 Datasheet
198Kb / 8P
Precision, Low Power BiFET Op Amp
AD548A AD-AD548A Datasheet
198Kb / 8P
Precision, Low Power BiFET Op Amp
AD548AH AD-AD548AH Datasheet
198Kb / 8P
Precision, Low Power BiFET Op Amp
AD548AQ AD-AD548AQ Datasheet
198Kb / 8P
Precision, Low Power BiFET Op Amp
AD548B AD-AD548B Datasheet
198Kb / 8P
Precision, Low Power BiFET Op Amp
More results

Similar Description - AD548

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD548 AD-AD548 Datasheet
198Kb / 8P
Precision, Low Power BiFET Op Amp
AD642 AD-AD642 Datasheet
395Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV.0
AD648 AD-AD648 Datasheet
335Kb / 12P
Dual Precision, Low Power BiFET Op Amp
AD548 AD-AD548_02 Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548KNZ AD-AD548KNZ Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD548SH AD-AD548SH Datasheet
221Kb / 12P
Precision, Low Power BiFET Op Amp
REV. D
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD642 AD-AD642_15 Datasheet
399Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV. 0
AD648 AD-AD648_15 Datasheet
209Kb / 12P
Dual Precision, Low Power BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com