Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD548 Datasheet(PDF) 3 Page - Analog Devices

Part # AD548
Description  Precision, Low Power BiFET Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD548 Datasheet(HTML) 3 Page - Analog Devices

  AD548 Datasheet HTML 1Page - Analog Devices AD548 Datasheet HTML 2Page - Analog Devices AD548 Datasheet HTML 3Page - Analog Devices AD548 Datasheet HTML 4Page - Analog Devices AD548 Datasheet HTML 5Page - Analog Devices AD548 Datasheet HTML 6Page - Analog Devices AD548 Datasheet HTML 7Page - Analog Devices AD548 Datasheet HTML 8Page - Analog Devices AD548 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD548
REV. D
–3–
AD548J
AD548K/B
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Rated Performance
±15
±15
V
Operating Range
±4.5
±18
±4.5
±18
V
Quiescent Current
170
200
170
200
µA
TEMPERATURE RANGE
Operating, Rated Performance
Commercial (0
°C to 70°C)
AD548J
AD548K
Industrial (–40
°C to +85°C)
AD548A
AD548B
Military (–55
°C to +125°C)
AD548S
PACKAGE OPTIONS
SOIC (R-8)
AD548JR
AD548KR
4
Plastic (N-8)
AD548JN
4
AD548KN
Tape and Reel
AD548JR-REEL
AD548KR-REEL
4
NOTES
1Input Offset Voltage specifications are guaranteed after five minutes of operation at T
A = 25
°C.
2Bias Current specifications are guaranteed maximum at either input after five minutes of operation at T
A = 25
°C. For higher temperature, the current doubles every 10°C.
3Defined as voltages between inputs, such that neither exceeds
±10 V from ground.
4Not recommended for new designs; obsolete April 2002.
Specifications subject to change without notice.
SPECIFICATIONS (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com