Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7133LA55PF Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT7133LA55PF
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7133LA55PF Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT7133LA55PF Datasheet HTML 8Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 9Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 10Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 11Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 12Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 13Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 14Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 15Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
13
Timing Waveform of BUSY Arbitration Controlled by CE Timing(1)
Timing Waveform of BUSY Arbitration Controlled by Addresses(1)
NOTES:
1. All timing is the same for left and right ports. Port "A" may be either the left or right port. Port "B" is the port opposite from port "A".
2. If tAPS is not satisfied, the
BUSY will be asserted on one side or the other, but there is no guarantee on which side BUSY will be asserted
(IDT7133 only).
tAPS(2)
2746 drw 13
ADDR"A" AND "B"
ADDRESSES MATCH
CE"B"
BUSY"B"
tBAC
tBDC
CE"A"
tRC
2746 drw 14
ADDR "A"
ADDRESSES MATCH
ADDR "B"
BUSY "B"
ADDRESSES DO NOT MATCH
tWC
OR
tAPS
tBAA
tBDA
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com