Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT7133LA55PF Datasheet(PDF) 15 Page - Integrated Device Technology

Part # IDT7133LA55PF
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7133LA55PF Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button IDT7133LA55PF Datasheet HTML 8Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 9Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 10Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 11Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 12Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 13Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 14Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 15Page - Integrated Device Technology IDT7133LA55PF Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
15
Truth Table I – Non-Contention Read/Write Control(4)
Truth Table II — Address BUSY
Arbitration
NOTES:
1.
Pins
BUSYL and BUSYR are both outputs on the IDT7133 (MASTER). Both are
inputs on the IDT7143 (SLAVE). On Slaves the
BUSY input internally inhibits
writes.
2.
"L" if the inputs to the opposite port were stable prior to the address and enable
inputs of this port. “H” if the inputs to the opposite port became stable after the
address and enable inputs of this port. If tAPS is not met, either
BUSYL or BUSYR
= VIL will result
BUSYL and BUSYR outputs can not be LOW simultaneously.
3.
Writes to the left port are internally ignored when
BUSYL outputs are driving LOW
regardless of actual logic level on the pin. Writes to the right port are internally
ignored when
BUSYR outputs are driving LOW regardless of actual logic level on
the pin.
NOTES:
1.
A0L - A10L
≠A0R - A10R
2.
If
BUSY = LOW, data is not written.
3.
If
BUSY = LOW, data may not be valid, see tWDD and tDDD timing.
4.
"H" = HIGH, "L" = LOW, "X" = Don’t Care, "Z" = High-Impedance, "LB" = Lower Byte, "UB" = Upper Byte
LEFT OR RIGHT PORT(1)
Function
R/
WLB
R/
WUB
CE
OE
I/O0-7
I/O8-15
X
X
H
X
Z
Z
Port Disabled and in Power Down Mode, ISB2, ISB4
XX
H
X
Z
Z
CER = CEL = VIH, Power Down Mode, ISB1 or ISB3
LL
L
X
DATAIN
DATAIN
Data on Lower Byte and Upper Byte Written into Memory(2)
LH
L
L
DATAIN
DATAOUT
Data on Lower Byte Written into Memory
(2), Data in Memory Output on
Upper Byte(3)
HL
L
L
DATAOUT
DATAIN
Data in Memory Output on Lower Byte
(3), Data on Upper Byte Written into
Memory(2)
LH
LH
DATAIN
Z
Data on Lower Byte Written into Memory
(2)
HL
L
H
Z
DATAIN
Data on Upper Byte Written into Memory
(2)
HH
L
L
DATAOUT
DATAOUT
Data in Memory Output on Lower Byte and Upper Byte
H
H
L
H
Z
Z
High Impedance Outputs
2746 tbl 13
Inputs
Outputs
Function
CEL
CER
A0L-A10L
A0R-A10R
BUSYL(1)
BUSYR(1)
X
X
NO MATCH
HHNormal
H
X
MATCH
HHNormal
X
H
MATCH
HHNormal
L
L
MATCH
(2)
(2)
Write Inhibit(3)
2746 tbl 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com