Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2884 Datasheet(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

Part # 2SC2884
Description  Suitable for output stage of 3 watts amplifier.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKOSEMI [MAKO SEMICONDUCTOR CO.,LIMITED]
Direct Link  http://www.makosemi.hk/
Logo MAKOSEMI - MAKO SEMICONDUCTOR CO.,LIMITED

2SC2884 Datasheet(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED

  2SC2884 Datasheet HTML 1Page - MAKO SEMICONDUCTOR CO.,LIMITED 2SC2884 Datasheet HTML 2Page - MAKO SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
FEATURES
• Suitable for output stage of 3 watts amplifier.
• High DC current gain.
• Small flat package.
• PC=1.0 to 2.0W.
• Complements the 2SA1204.
Maximum Ratings (Ta=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
35
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5
V
Collector Current -Continuous
IC
0.8
A
Collector Power dissipation
PC
0.5
W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55to +150
ELECTRICAL CHARACTERISTICS ( @ Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-emitter breakdown voltage
VCEO
IC=10mA,IB=0
35
V
Collector cut-off current
ICBO
VCB=35V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=1V,IC=100mA
100
320
Collector-emitter saturation voltage
VCE(sat)
IC=0.5A, IB=0.02A
0.5
V
Base-emitter voltage
VBE
VCE=1V, IC=10mA
0.5
0.8
V
Transition frequency
fT
VCE=5V,Ic=10mA
120
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
13
pF
CLASSIFICATION OF hFE
Rank
O
Y
Range
100-200
160-320
Marking
PO1
PY1
2SC2884 (NPN)
1. BASE
2. COLLECTO
SOT-89
3. EMITTER
MAKO Semiconductor Co., Limited 4008-378-873 http://www.makosemi.hk/


Similar Part No. - 2SC2884

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2884 TOSHIBA-2SC2884 Datasheet
161Kb / 3P
TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC2884 KEXIN-2SC2884 Datasheet
358Kb / 2P
Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC2884 TOSHIBA-2SC2884 Datasheet
126Kb / 4P
Audio Frequency Amplifier Applications
logo
Shenzhen Jin Yu Semicon...
2SC2884 HTSEMI-2SC2884 Datasheet
341Kb / 1P
TRANSISTOR(NPN)
logo
Toshiba Semiconductor
2SC2884 TOSHIBA-2SC2884 Datasheet
133Kb / 4P
Audio Frequency Amplifier Applications
More results

Similar Description - 2SC2884

ManufacturerPart #DatasheetDescription
logo
NEC
2SD882 NEC-2SD882 Datasheet
165Kb / 2P
NPN(for the output stage of 3 watts audio amplifier, voltage regulator, DC-DC converter and relay driver)
logo
List of Unclassifed Man...
PMKC03 ETC1-PMKC03 Datasheet
124Kb / 3P
3 Watts of Output Power From a Package
logo
Guilin Strong Micro-Ele...
GM8050 GSME-GM8050 Datasheet
298Kb / 3P
Low Frequency Power Amplifier Suitable for Driver Stage of Small Motor Complementary to GM8550
GMA6801 GSME-GMA6801 Datasheet
279Kb / 3P
Suitable for Driver Stage of Small Motor Complementary to GMC6802
GMC6802 GSME-GMC6802 Datasheet
278Kb / 3P
Suitable for Driver Stage of Small Motor Complementary to GMA6801
logo
TriQuint Semiconductor
TAT2801 TRIQUINT-TAT2801_15 Datasheet
663Kb / 10P
75 CATV Output Stage Amplifier
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
75 CATV Output Stage Amplifier
logo
eleflow technologies co...
2SC2312 ELEFLOW-2SC2312 Datasheet
117Kb / 2P
Especially suitable for the output stage of 27MHz 4W AM
2SC3101 ELEFLOW-2SC3101 Datasheet
211Kb / 3P
For drive stage and output stage of power amplifiers in UHF band.
logo
SHIKUES Electronics
2SA1203 SKTECHNOLGY-2SA1203 Datasheet
1Mb / 2P
Suitable For Output Stage of 3 Waits Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com