Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FST163245 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FST163245
Description  16-BIT BUS SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST163245 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FST163245 Datasheet HTML 1Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 2Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 3Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 4Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 5Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
IDT74FST163245, IDT74FST163P245
16-BIT BUS SWITCH
COMMERCIAL TEMPERATURE RANGE
ABSOLUTE MAXIMUM RATINGS(1)
PIN CONFIGURATION
5
6
7
8
9
10
1
2
3
4
46
45
44
43
42
41
40
39
38
37
GND
1
B1
1
B2
GND
1
B3
1
B4
VCC
1
B5
1
B6
1
A2
GND
1
A3
1
A4
VCC
1
A5
1
A6
GND
1
OE
1
A1
*NC/**VBIAS1
1
B7
11
12
47
48
1
B8
1
A7
1
A8
17
18
19
20
21
22
13
14
15
16
34
33
32
31
30
29
28
27
26
25
2
B7
2
B2
GND
2
B3
2
B4
VCC
2
B5
2
B6
GND
GND
2
A3
2
A4
VCC
2
A5
2
A6
GND
2
A7
2
A1
2
A2
2
B1
SO48-1
SO48-2
SO48-3
2
B8
23
24
35
36
*NC/**GND
2
A8
2
OE
SSOP/
TSSOP/TVSOP
TOP VIEW
*FST163245
**FST163P245
3513 drw 02
FUNCTION TABLE
3513 tbl 03
Inputs
x
OE
OE
Outputs
L
Bus B Data to Bus A
H
High Z State (163245)
Precharge Bus B to VBIAS (163P245)
3513 tbl 02
CAPACITANCE(1)
Symbol
Description
Max.
Unit
VTERM(2) Terminal Voltage with Respect
to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
Maximum Continuous Channel
Current
128
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating condiitions for extended
periods may affect reliability.
2. VCC, Control and Switch terminals.
Symbol
Parameter
Conditions(2) Typ. Unit
CIN
Control Input Capacitance
4
pF
CI/O
Switch Input/Output
Capacitance
Switch Off
pF
3513 tbl 04
NOTES:
1. Capacitance is characterized but not tested
2. TA = 25
°C, f = 1MHz, VIN = 0V, VOUT = 0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com