Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FST163245 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FST163245
Description  16-BIT BUS SWITCH
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FST163245 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FST163245 Datasheet HTML 1Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 2Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 3Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 4Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 5Page - Integrated Device Technology IDT74FST163245 Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Integrated Device Technology, Inc.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FEATURES:
• Bus switches provide zero delay paths
• Extended commercial range of –40
°C to +85°C
• Low switch on-resistance:
FST163xxx – 5
Ω
FST163Pxxx – 5
Ω with precharge
• TTL-compatible input and output levels
• ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
• Available in SSOP, TSSOP and TVSOP
COMMERCIAL TEMPERATURE RANGE
FEBRUARY 1997
©1997 Integrated Device Technology, Inc.
DSC-3513/-
1
IDT74FST163245
IDT74FST163P245
ADVANCE INFORMATION
16-BIT BUS SWITCH
no noise of their own while providing a low resistance path for
an external driver. These devices connect input and output
ports through an n-channel FET. When the gate-to-source
junction of this FET is adequately forward-biased the device
conducts and the resistance between input and output ports
is small. Without adequate bias on the gate-to-source junction
of the FET, the FET is turned off, therefore with no VCC
applied, the device has hot insertion capability.
The low on-resistance and simplicity of the connection
between input and output ports reduces the delay in this path
to close to zero.
The FST163245 and FST163P245 are 16-bit TTL-compat-
ible bus switches. The
OE pins provide enable control. The
FST163P245 supports precharge on the B port. So when
OE
is high, A and B ports are isolated and B outputs are precharged
to the bias voltage through the equivalent of a 10K
Ω resistor
(1B1-8 precharged to VBIAS1 and 2B1-8 precharged to VBIAS1).
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The FST163245/163P245 belong to IDT's family of Bus
switches. Bus switch devices perform the function of connect-
ing or isolating two ports without providing any inherent
current sink or source capability. Thus they generate little or
PIN DESCRIPTION
1A1
1B1
1A8
1B8
2B1
2B8
2A1
2A8
1OE
2OE
1A1
1B1
1A8
1B8
2B1
2B8
2A1
2A8
1OE
2OE
VBIAS1
VBIAS1
FST163245
FST163P245
3513 drw 01
Pin Names
I/O
Description
1A1-8, 2A1-8
I/O
Bus A
1B1-8, 2B1-8
I/O
Bus B
1
OE, 2OE
I
Bus Switch Enable (Active LOW)
VBIAS1
I
Precharge Reference Voltage
3513 tbl 01


Similar Part No. - IDT74FST163245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FST163244 IDT-IDT74FST163244 Datasheet
85Kb / 6P
16-BIT BUS SWITCH
IDT74FST163244PA IDT-IDT74FST163244PA Datasheet
85Kb / 6P
16-BIT BUS SWITCH
IDT74FST163244PF IDT-IDT74FST163244PF Datasheet
85Kb / 6P
16-BIT BUS SWITCH
IDT74FST163244PV IDT-IDT74FST163244PV Datasheet
85Kb / 6P
16-BIT BUS SWITCH
More results

Similar Description - IDT74FST163245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16244 FAIRCHILD-FST16244 Datasheet
162Kb / 4P
16-Bit Bus Switch (Preliminary)
FST16245 FAIRCHILD-FST16245 Datasheet
182Kb / 4P
16-Bit Bus Switch
FST32X245 FAIRCHILD-FST32X245 Datasheet
251Kb / 4P
16-Bit Bus Switch
logo
Integrated Device Techn...
IDT74FST163244 IDT-IDT74FST163244 Datasheet
85Kb / 6P
16-BIT BUS SWITCH
logo
Texas Instruments
SN74CBT16245 TI-SN74CBT16245 Datasheet
75Kb / 5P
16-BIT FET BUS SWITCH
SN74CBT16245 TI-SN74CBT16245_06 Datasheet
151Kb / 9P
16-BIT FET BUS SWITCH
logo
Fairchild Semiconductor
FST16245 FAIRCHILD-FST16245_05 Datasheet
158Kb / 4P
16-Bit Bus Switch
logo
Texas Instruments
SN74CBT16245 TI-SN74CBT16245_07 Datasheet
304Kb / 11P
16-BIT FET BUS SWITCH
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
16-BIT FET BUS SWITCH
SN74CB3Q16244 TI1-SN74CB3Q16244_15 Datasheet
779Kb / 21P
16-Bit FET Bus Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com