Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD679 Datasheet(PDF) 5 Page - Analog Devices

Part # AD679
Description  14-Bit 128 kSPS Complete Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD679 Datasheet(HTML) 5 Page - Analog Devices

  AD679_15 Datasheet HTML 1Page - Analog Devices AD679_15 Datasheet HTML 2Page - Analog Devices AD679_15 Datasheet HTML 3Page - Analog Devices AD679_15 Datasheet HTML 4Page - Analog Devices AD679_15 Datasheet HTML 5Page - Analog Devices AD679_15 Datasheet HTML 6Page - Analog Devices AD679_15 Datasheet HTML 7Page - Analog Devices AD679_15 Datasheet HTML 8Page - Analog Devices AD679_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD679
REV. D
–5–
ABSOLUTE MAXIMUM RATINGS
1
With
Respect
Specification
To
Min
Max
Unit
VCC
AGND
–0.3
+18
V
VEE
AGND
–18
+0.3
V
VCC
2
VEE
–0.3
+26.4
V
VDD
DGND
0
+7
V
AGND
DGND
–1
+1
V
AIN, REFIN
AGND
VEE
VCC
V
Digital Inputs
DGND
–0.5
+7
V
Digital Outputs
DGND
–0.5
VDD + 0.3 V
Max Junction
Temperature
175
°C
With
Respect
Specification
To
Min
Max
Unit
Operating
Temperature
J and K Grades
0
70
°C
A and B Grades
–40
+85
°C
S and T Grades
–55
+125
°C
Storage Temperature
–65
+150
°C
Lead Temperature
(10 sec max)
300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2The AD679 is not designed to operate from
15 V supplies.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD679 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ORDERING GUIDE
1
Temperature
Tested and
Package
Model
Package
Range
Specified
Option
2
AD679JN
28-Pin Plastic DIP
0
°C to +70°CAC
N-28
AD679KN
28-Pin Plastic DIP
0
°C to +70°C
AC + DC
N-28
AD679JD
28-Pin Ceramic DIP
0
°C to +70°CAC
D-28
AD679KD
28-Pin Ceramic DIP
0
°C to +70°C
AC + DC
D-28
AD679AD
28-Pin Ceramic DIP
–40
°C to +85°CAC
D-28
AD679BD
28-Pin Ceramic DIP
–40
°C to +85°C
AC + DC
D-28
AD679SD
28-Pin Ceramic DIP
–55
°C to +125°CAC
D-28
AD679TD
28-Pin Ceramic DIP
–55
°C to +125°C
AC + DC
D-28
AD679AJ
44-Lead Ceramic JLCC
–40
°C to +85°CAC
J-44
AD679BJ
44-Lead Ceramic JLCC
–40
°C to +85°C
AC + DC
J-44
AD679SD/883B
3
NOTES
1For parallel read (14-bits) interface to 16-bit buses, see AD779.
2N = Plastic DIP; D = Ceramic DIP; J = J-Leaded Ceramic Chip Carrier.
3For details, grade, and package offerings screened in accordance with MIL-STD-883, refer to the
Analog Devices Military Products Databook or the current AD679/883B data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com